Electronic Components Datasheet Search
  English  ▼

X  

LT8722 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8722
Description  Ultracompact 4A, 15V, Full Bridge Driver with SPI
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8722 Datasheet(HTML) 3 Page - Analog Devices

  LT8722 Datasheet HTML 1Page - Analog Devices LT8722 Datasheet HTML 2Page - Analog Devices LT8722 Datasheet HTML 3Page - Analog Devices LT8722 Datasheet HTML 4Page - Analog Devices LT8722 Datasheet HTML 5Page - Analog Devices LT8722 Datasheet HTML 6Page - Analog Devices LT8722 Datasheet HTML 7Page - Analog Devices LT8722 Datasheet HTML 8Page - Analog Devices LT8722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT8722
3
For more information www.analog.com
Rev. 0
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 15V, VDDIO = 3.3V and GND = SYNC = 0V, EN = SWEN = high
unless otherwise specified. VCC has a 1μF capacitor to GND and is driven by the VCC regulator unless otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Supplies
VIN Supply Voltage
l
3.1
15
V
VIN Quiescent Current
EN = 0V
15
μA
2.8
mA
VDDIO Supply Voltage
Linear Power Stage ON with LDR Floating
l
2.7
5.5
V
IVDDIO Supply Shutdown Current EN = 0V, VDDIO = 2.7V, MOSI/CS/SCK = 0V
0.1
0.21
0.35
mA
IVDDIO Supply Shutdown Current EN = 0V, VDDIO = 5.5V, MOSI/CS/SCK = 0V
0.1
0.27
0.45
mA
IVDDIO Supply Current
EN = 15V, Linear Power Driver ON with VTEC = 0, VDDIO = 2.7V
l
1.1
2
3.2
mA
IVDDIO Supply Current
EN = 15V, Linear Power Driver ON with VTEC = 0, VDDIO = 5.5V
l
1.7
2.8
4.2
mA
Internal Regulator (VCC Pin)
VCC Regulator Output Voltage 1 SPIS_COMMAND[9] = 1
3.473
V
VCC Regulator Output Voltage 2 SPIS_COMMAND[9] = 0
3.149
V
VCC When Overdriven
If VCC Driven from External Supply Set SPIS_COMMAND[9] = 0
l
3.4
3.8
V
VCC Supply Current at 3.4V
If VCC Driven from External Supply Set SPIS_COMMAND[9] = 0
3.1
mA
VCC Supply Current at 3.8V
If VCC Driven from External Supply Set SPIS_COMMAND[9] = 0
3.3
mA
VCC Regulator Output Voltage 3 VIN = 3.1V, External VCC Load = 20mA
l
2.7
2.9
3.1
V
VCC Current Limit
VIN = 5V
66
mA
Enable Control
EN Pin Threshold
EN Rising
l
0.475
0.66
0.82
V
EN Pin Hysteresis
52
mV
EN Pin Leakage Current
EN = 15V
l
–1
0
1
µA
Switching Enable Control
SWEN Pin Threshold
SWEN Rising
l
1.14
1.2
1.26
V
SWEN Pin Hysteresis
21
mV
SWEN Pin Pull-Down Current
SWEN = 0.25V
406
µA
SWEN Pin Leakage Current
SWEN = 5.5V, SPIS_STATUS = 0
l
10
28
55
µA
Undervoltage Lockout (UVLO)
VCC UVLO Rising Threshold
l
1.9
2.36
2.65
V
Hysteresis
90
mV
VDDIO UVLO Rising Threshold
l
2.25
2.425
2.7
V
Hysteresis
110
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com