Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC6820
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 38Page - Analog Devices LTC6820 Datasheet HTML 39Page - Analog Devices LTC6820 Datasheet HTML 40Page - Analog Devices LTC6820 Datasheet HTML 41Page - Analog Devices LTC6820 Datasheet HTML 42Page - Analog Devices LTC6820 Datasheet HTML 43Page - Analog Devices LTC6820 Datasheet HTML 44Page - Analog Devices LTC6820 Datasheet HTML 45Page - Analog Devices LTC6820 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
LTC2949
42
Rev A
For more information www.analog.com
REGISTER DESCRIPTION
Register Naming Conventions
RW
Read-Write
DEF Default Value
RO
Read Only
SI
Signed Integer
SO
Set Only (Note)
UI
Unsigned Integer
Note: Write 1 to SO bits to request the associated action. Successful write can be checked by a read command directly following the write command. After
the action was performed the SO bit will be cleared automatically by LTC2949. Do not write to registers with SO bits, before all SO bits were read as 0. The
typical processing time per action is tIDLE_CORE or tCONT depending on operation mode, see related bit description for details.
MEMORY MAP AND PAGING MECHANISM
The memory map of the LTC2949 is organized in two pages, PAGE0 and PAGE1. PAGE0 contains all slow channel
result quantities, control and status registers while PAGE1 contains all threshold and configuration registers. Each
page has a register address space ranging from 0x00 to 0xEF, with each register consisting of one 8-bit byte of data.
Registers 0xF0 to 0xFF are common to both register pages. Register REGSCTRL at 0xFF is part of this range and is
used to switch between pages, see below. For clarity, all register addresses on PAGE1 are expressed as p1.0xYY in the
following while addresses on PAGE0 are simply referred to as 0xYY.
Multiple-byte data is stored with most significant byte at the lowest address (little-endian). For instance, the MSB
C1[47:40] of the quantity C1 is stored at address 0x00 in PAGE0.
Note that reading data from LTC2949's memory map (no matter if using direct command or indirect memory ac-
cess RDCV command with RDCVCONF=0) reports MSBytes first, while reading fast conversion results via RDCV
(RDCVCONF=1) reports LSBytes first.
Some addresses in the register map are not used and are reserved. Bits in non-reserved registers that are not explic-
itly described are also reserved. Writing to unused reserved registers or reserved bits in non-reserved registers may
result in unwanted behavior of the LTC2949, reserved bits in non-reserved registers should be written as 0; reading of
unused registers is generally harmless but will return random data. If software detection of device revision is neces-
sary, then contact the factory for details.
Register Control Register
The Register Control Register (0xFF) selects the active memory page, allows to configure the LTC2949 to respond to
broadcast read commands, configures the RDCV command to indirect memory access mode and provides a memory
locking mechanism.
Table 23. Control Register REGSCTRL (0xFF)
BIT
SYMBOL
TYPE
DEFAULT
OPERATION
0
PAGE
RW
0
Memory Map Page Select
0: PAGE0 of the memory map is selected.
1: PAGE1 of the memory map is selected.
2
BCREN
RW
0
Broadcast Read Enable
0: LTC2949 does not respond to broadcast read commands
1: LTC2949 responds to broadcast read commands
[5:4]
MLK[1:0]
RW
00
Memory Lock
00: Memory not locked
01: Memory lock requested by master
10: Memory locked
7
RDCVCONF
RW
1
RDCV Configuration Bit
0: Indirect memory access mode. RDCV will report data starting at address written to
RDCVIADDR (0xFC).
1: RDCV command will report latest fast channel conversion results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com