Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC6820
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 45Page - Analog Devices LTC6820 Datasheet HTML 46Page - Analog Devices LTC6820 Datasheet HTML 47Page - Analog Devices LTC6820 Datasheet HTML 48Page - Analog Devices LTC6820 Datasheet HTML 49Page - Analog Devices LTC6820 Datasheet HTML 50Page - Analog Devices LTC6820 Datasheet HTML 51Page - Analog Devices LTC6820 Datasheet HTML 52Page - Analog Devices LTC6820 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
LTC2949
49
Rev A
For more information www.analog.com
REGISTER DESCRIPTION
Table 29. FIFO Register Read Format.
DATA BYTE
NAME
DESCRIPTION
0
SN[15:8]
MSB of measured sample N
1
SN[7:0]
LSB of measured sample N
2
TAGN
Tag of sample N
3
SN+1[15:8]
MSB of measured sample N+1
4
SN+1[7:0]
LSB of measured sample N+1
5
TAGN+1
Tag of sample N+1
…
…
…
3*M
SN+M[15:8]
MSB of measured sample N+M
3*M+1
SN+M[7:0]
LSB of measured sample N+M
3*M+2
TAGN+M
Tag of sample N+M
The column Data Byte does not count the PEC bytes, which depend on the setting of data bytes per PEC (ID-byte for
DCMD or fixed to six for RDCV). For maximum data throughput it is recommended to read the FIFOs with DCMDs with
16 bytes per PEC and multiples of 16 samples (= 48 data bytes + 3 • 2 PEC bytes).
Table 30. FIFO TAG Definitions.
TAG
NAME
DESCRIPTION
0x00
OK
Valid, new sample
0x55
RDOVR
Read overrun, sample was already read
0xAA
WROVR
Write overrun, FIFO was filled completely and at least one sample was already overwritten
It is recommended to connect LTC2949 always in parallel to a daisy chain. Also, in the scenario where LTC2949 is con-
nected at one end of a reversible isoSPI chain, the default communication should be done with direct read commands.
Only in case the direct isoSPI link to LTC2949 fails, the communication would be routed through the daisy chain.
In this configuration where LTC2949 is on top of a daisy chain, after the broadcast RDCV command, the stacked LTC68xx
Cell Monitors turn into a cascaded shift register, in which data is shifted through each device to the next device in the
stack. In this scenario, at the end of the read transaction, there is always a fixed number of samples stuck in the shift
register, that is never transmitted to the master.
Several approaches are possible to avoid or minimize the loss of samples. Either fast continuous mode is stopped
(FACONV=0), the FIFO is read until empty and then fast continuous measurement is repeated (FACONV=1). This results
in a time window without measurements, equal to the time it takes to read the samples. For example, at 1Mbit/s serial
clock rate, it takes 0.8 ms (approximately one fast conversion time) to read 24 samples (four byte command and PEC,
72 data bytes, 24 data PEC bytes equals in total 100 bytes or 800 bits). For lower clock speeds or longer cycle times,
where more samples are read per cycle, the following approach is more efficient.
Alternatively, the FIFO read burst must be long enough to always empty the FIFO and read at least one sample with
TAG RDOVR. Still, also here, one sample with TAG OK can arrive after the RDOVR and would then be stuck in the daisy
chain’s shift register. If the latency of the shift register (number of devices in the daisy chain times eight bytes times
eight bit per byte divided by SPI clock speed) is longer than one fast conversion time, even more than one sample can
get stuck in the daisy chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com