Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC6820
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 65Page - Analog Devices LTC6820 Datasheet HTML 66Page - Analog Devices LTC6820 Datasheet HTML 67Page - Analog Devices LTC6820 Datasheet HTML 68Page - Analog Devices LTC6820 Datasheet HTML 69Page - Analog Devices LTC6820 Datasheet HTML 70Page - Analog Devices LTC6820 Datasheet HTML 71Page - Analog Devices LTC6820 Datasheet HTML 72Page - Analog Devices LTC6820 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
LTC2949
69
Rev A
For more information www.analog.com
APPLICATION INFORMATION
The following linear equation system has to be solved to
calculateA,B,Cusingthreevalues,R1(T1),R2(T2),R3(T3)
from a R versus T (in K) resistor table:
T1−
1
T2−
1
T3−
1
⎛
⎝
⎜
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
⎟
=
1 ln R1 ln
3 R1
1 ln R2 ln
3 R2
1 ln R3 ln3 R3
⎛
⎝
⎜
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
⎟
A
B
C
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
After solving the linear equation system, A, B, C can be
expressed as:
l1=lnR1
l2 =lnR2
l3 =lnR3
m2 =
T2−
1−T1−1
l2 −l1
m3 =
T3−
1−T1−1
l3 −l1
C =
m3 −m2
l3 −l2
l3 +l2 +l1
B=m2 −C•(l1
2 +l1•l2+l22)
A = T1−
1−(B+l12•C)•l1
SENSE RESISTOR TEMPERATURE COMPENSATION
The LTC2949 can be configured to compensate the tem-
perature dependency of the used current sense resistors
up to 2nd order based on temperature measurements with
external NTCs. The compensation is enabled by writing
thetemperaturecoefficients(TC,TC2)ofthesenseresistor
and the reference temperature (T0) in the NTC configura-
tion register. The LTC2949 will then compensate for the
temperature induced deviation of the sense resistor from
its nominal value R0 according to:
RSENSE =RO •[1+TC •(T−TO)+TC2• T−T0
(
)
2 ]
The temperature coefficient and reference temperature
can be set for each sense resistor individually in the NTC
configuration register. Table 76 shows the programmed
coefficients for a copper sense resistor with a temperature
coefficient of 3900ppm/K whose nominal value R0 was
measured at 20°C.
If temperature compensation is enabled for one or both
channels, the sense resistor connected to CH1 is compen-
sated with the temperature of NTC1 measured during the
first slot of CHAUX, while the sense resistor connected to
CH2 is compensated with the temperature of NTC2 mea-
sured during the second slot of CHAUX. The multiplexer
settings must be set such that the input pin connected
to the corresponding NTC is selected during the respec-
tive slot. If CHAUX is changed to fast mode, the last NTC
temperature measurements taken in Round Robin mode
are used for temperature compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com