Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 80 Page - Analog Devices

Part # LTC6820
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 72Page - Analog Devices LTC6820 Datasheet HTML 73Page - Analog Devices LTC6820 Datasheet HTML 74Page - Analog Devices LTC6820 Datasheet HTML 75Page - Analog Devices LTC6820 Datasheet HTML 76Page - Analog Devices LTC6820 Datasheet HTML 77Page - Analog Devices LTC6820 Datasheet HTML 78Page - Analog Devices LTC6820 Datasheet HTML 79Page - Analog Devices LTC6820 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
LTC2949
80
Rev A
For more information www.analog.com
ANALOG DEVICES, INC. 2019-2020
11/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Battery Metering with Low-Side Current & Charge Sensing, Battery Voltage Measurement,
Temperature Measurement, Contactor Supervision and Isolated Gate Drive of Pre-Charge FET.
PART NUMBER
DESCRIPTION
COMMENTS
LTC6810-1/
LTC6810-2
4th Generation 6-Cell Battery Stack
Monitor and Balancing IC
Measures Cell Voltages for Up to 6 Series Battery Cells. The isoSPI Daisy-Chain
Capability Allows Multiple Devices to Be Interconnected for Measuring Many Battery
Cells Simultaneously. The isoSPI Bus Can Operate Up to 1MHz and Can Be Operated
Bidirectionally for Fault Conditions, Such as a Broken Wire or Connector. Includes
Internal Passive Cell Balancing Capability of Up to 150mA.
LTC6811-1/
LTC6811-2
4th Generation 12-Cell Battery Stack
Monitor and Balancing IC
Measures Cell Voltages for Up to 12 Series Battery Cells. Daisy-Chain Capability Allows
Multiple Devices to Be Connected to Measure Many Battery Cells Simultaneously Via the
Built-In 1MHz, 2-Wire Isolated Communication (isoSPI). Includes Capability for Passive
Cell Balancing.
LTC6820
isoSPI Isolated Communications Interface Provides an Isolated Interface for SPI Communication Up to 100 Meters, Using a Twisted
Pair. Companion to the LTC6804, LTC6806, LTC6811, LTC6812 and LTC6813
LTC6812-1
4th Generation 15-Cell Battery Stack
Monitor and Balancing IC
Measures Cell Voltages for Up to 15 Series Battery Cells. The isoSPI Daisy-Chain
Capability Allows Multiple Devices to Be Connected to Measuring Many Battery
Cells Simultaneously. The isoSPI Bus Can Operate Up to 1MHz and Can Be Operated
Bidirectionally for Fault Conditions, Such as a Broken Wire or Connector. Includes
Internal Passive Cell Balancing Capability of Up to 200mA.
LTC6813-1
4th Generation 18-Cell Battery Stack
Monitor and Balancing IC
Measures Cell Voltages for Up to 18 Series Battery Cells. The isoSPI Daisy-Chain
Capability Allows Multiple Devices to Be Interconnected for Measuring Many Battery
Cells Simultaneously. The isoSPI Bus Can Operate Up to 1MHz and Can Be Operated
Bidirectionally for Fault Conditions, Such as a Broken Wire or Connector. Includes
Internal Passive Cell Balancing Capability of Up to 200mA.
+–
VBAT+
VBAT–
VBAT–
VBAT–
2M
10k
STB9NK80Z
V8/GP01
V9/GP02
V10/GP03
V12/GP05
V11/GP04
AGND
V1
V3
VREF
V2
V4-V7
VBATP
VBATM
LTC2949
IOVCC
SCK/IP
CSB/IM
SDO/IBIAS
SDI/VCMP
DVCC
AVCC
AGND
DGND
BYP1
BYP2
CLKO
CLKI
I2M CF2M
CF1M CF1P
CF2P I2P
I1M
I1P
STB9NK80Z
2949 TA02
STB9NK80Z
LOAD OR CHARGER
STB9NK80Z
STB9NK80Z
RPRECH
BATTERY
SPI/isoSPI
INTERFACE
VCC*
*VCC SUPPLY VOLTAGE MUST BE CHOSEN TO ENSURE MINIMUM VGS OF USED MOSFETS UNDER ALL CONDITIONS.
1µ
1µ
1µ
1µ
1µ
1µ
100µ
RSENSE
33p
2M
10k
10k
10µ
2M
20k
1µ
10k
NTC
NTCLE203E
33p
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com