Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6820
Description  Current, Voltage, and Charge Monitor for High Voltage Battery Packs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 16Page - Analog Devices LTC6820 Datasheet HTML 17Page - Analog Devices LTC6820 Datasheet HTML 18Page - Analog Devices LTC6820 Datasheet HTML 19Page - Analog Devices LTC6820 Datasheet HTML 20Page - Analog Devices LTC6820 Datasheet HTML 21Page - Analog Devices LTC6820 Datasheet HTML 22Page - Analog Devices LTC6820 Datasheet HTML 23Page - Analog Devices LTC6820 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
LTC2949
20
Rev A
For more information www.analog.com
OPERATION
Figure 5. Reference Clock with a 4MHz Crystal
CHARGE, ENERGY AND TIME
The LTC2949 integrates the current and power measure-
ments over time to calculate charge and energy flowing
to the load. It also keeps track of total accumulated time
used for the integration.
ForthequantitieschargeandenergytheLTC2949provides
three sets of registers each, for the quantity "time" four
register sets.
Charge1, Energy1 and Time1 contain accumulated quan-
tities of Channel1. Charge2, Energy2 and Time2 contain
accumulated quantities of Channel2. Charge3 and Time3
contain the sum of charges monitored by Channel1 and
Channel2 and the corresponding time. Similarly Energy4
and Time4 contain the sum of energies monitored by
Channel1 and Channel2 and the corresponding time. See
the Accumulated Result Registers section in the Register
Map description for more details.
Each register set can be separately configured to accumu-
late current and power based on the sign of the measured
current.Aminimumcurrentthresholdcanalsobesetbelow
which integration is stopped. See the Control Registers
section in the Register Map description for more details.
Time Base
Accurately measuring charge and energy by integrating
current and power requires a precise integration period.
The LTC2949 uses either a trimmed internal oscillator or
an external clock as the time base for determining the in-
tegration period. It can use either an external square wave
clock in a frequency range between 100kHz and 25MHz
or a 4MHz crystal as external clock input. If an external
square wave is used, it should be connected to the CLKI
pin and the CLKO pin should be left unconnected.
Figure5showstherecommendedcircuitifacrystalisused
to generate the reference clock. In case the internal clock
is used, tie CLKI to ground and leave CLKO unconnected.
Timebase Control
The LTC2949 uses the internal oscillator by default. If
an external clock or a crystal is used, the PRE and DIV
parameters in the Timebase Control Register need to be
set appropriately. The LTC2949 then compares its inter-
nal clock to the external frequency and represents Time,
Charge, and Energy as multiples of the external clock pe-
riod. To accommodate the large range of allowed external
frequencies, an internal prescaler must be configured via
the Timebase Control Register.
The prescaler consists of 2 stages, with the first divid-
ing the external frequency fREF by a factor 2PRE, and the
second by a factor DIV. PRE is set between 0 and 5 with
bits [2:0] of the Timebase Control Register. PRE should
be configured such that the external frequency divided by
2PRE is less than 1MHz as shown in Table 2:
Table 2. Parameter PRE with External Clock
fREF
PRE
2PRE
PRE[2:0]
0.1MHz ≤ fREF ≤ 1MHz
0
1
000
1MHz ≤ fREF ≤ 2MHz
1
2
001
2MHz ≤ fREF ≤ 4MHz
2
4
010
4MHz ≤ fREF ≤ 8MHz
3
8
011
8MHz ≤ fREF ≤ 16MHz
4
16
100
16MHz ≤ fREF ≤ 25MHz
5
32
101
Internal
7
111
The second stage of the prescaler then divides the result
by a factor DIV. DIV is set between 0 and 31 by bits [7:3]
of the Time Base Control Register. DIV should be set to the
next lower integer value of the ratio between the output
of the first stage of the prescaler (fREF_1 = fREF/2PRE) and
32768Hz or, in other terms:
DIV = floor
fREF
2PRE •32768Hz
⎛
⎝
⎜
⎞
⎠
⎟
If a crystal is used, the values are: PRE = 2, DIV = 30. The
Quick Eval™ Software for the LTC2949 contains an easy
to use calculator for these parameters. Table 3 gives a few
examples for common frequencies.
LTC2949
X1: ABLS2-4.000MHZ-D4Y-T
CLKI
CLKO
2949 F05
33pF
X1
33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com