Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC4151
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 30Page - Analog Devices LTC4151 Datasheet HTML 31Page - Analog Devices LTC4151 Datasheet HTML 32Page - Analog Devices LTC4151 Datasheet HTML 33Page - Analog Devices LTC4151 Datasheet HTML 34Page - Analog Devices LTC4151 Datasheet HTML 35Page - Analog Devices LTC4151 Datasheet HTML 36Page - Analog Devices LTC4151 Datasheet HTML 37Page - Analog Devices LTC4151 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
LTC4284
34
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
In the high stress staged start mode, either GATE1 low
or GATE2 low sets the FET_BAD_STATUS bit in FAULT_
STATUS register 0x03 and starts the FET bad fault timer.
When the timer expires the FET_BAD_FAULT bit in FAULT
register 0x04 is set and both GATE1 and GATE2 are turned
off if the FET_BAD_TURN_OFF bit in CONTROL_1 register
0x0A has been set.
Low Stress Staged Start (Mode 4)
The low stress staged start mode is well suited for appli-
cations with tightly regulated supply voltages. Since in
such a system an input step is no longer a valid operat-
ing condition, the worst-case operating condition for the
MOSFET SOA is charging up the load during startup. By
suppressing the startup inrush current to a very low level,
the SOA demand for the startup MOSFET is greatly allevi-
ated. Additionally, the bypass path only needs inexpen-
sive, switching regulator class MOSFETs. Therefore, this
architecture minimizes the cost of MOSFETs to achieve a
given load current and RDS(ON). However, with the brief
timer delay for current limit, it has limited capability to
ride through an input step or a sustained load surge in
current limit, and due to the low startup current cannot
start up a resistive load such as a heating element or
incandescent lamp.
Figure 13 shows an application circuit for a 2.5kW system
operating in the low stress staged start mode. This mode
is enabled by connecting MODE to INTVCC. In this mode
GATE1 drives a compact, inexpensive MOSFET (M1) with
small SOA as a trickle charging device for startup. GATE2
drives parallel low RDS(ON), low SOA MOSFETs (M2A and
M2B) with a high current limit configured using parallel
small sense resistors to deliver the full load current. The
turn-on sequence is exactly the same as in the high stress
staged start mode as illustrated in Figure 11: GATE1 turns
on first to charge the load and GATE2 turns on after GATE1
is fully enhanced.
Figure 13. –52V/2500W Hot Swap Controller in Low Stress Staged Start Mode with dV/dt Inrush Control: GATE1 Drives
Trickle Startup MOSFET and GATE2 Drives Low RDS(ON) MOSFETs, for Systems with Tightly Regulated Supply Voltages
R2
226k
1%
CVCC
1µF
5m
RS1
M2A
IPT020N10N3
RIN
4 × 1k IN SERIES
0.25W EACH
CIN
0.1µF
4
4
4
M2B
IPT020N10N3
M1
PSMN7R6-100BSE
RG1A
10
RG1
1k
RG2A
10
RG2B
10
RD
100k
R1
10k
1%
RRT
316k
1%
RRB
10.2k
1%
RDT
316k
1%
CG1
10nF
CG2
220nF
CT
2.2nF
CL
2000µF
CUV
10nF
0.33m
RS2
6 × 2m
CR
470nF
R4
412k
1%
R3
10k
1%
COV
10nF
RH
750
1%
RG2
150
RDB
10.2k
1%
R6
10.2k
1%
R5
26.7k
1%
–52V RTN
UVL
UVH
OV
–52V INPUT
ADIN1-4
TMR
VEE
MODE
INTVCC
SENSE1+
GATE1
GATE2 DRAIN
VZ
VIN
RTNS
SCL
SDAI
SDAO
ALERT#
ADIO1-4
PGIO1-4
LTC4284
–52V RTN
(SHORT PIN)
VEE
DRNS
SENSE2+
ADC+
DVDT = 1
THERM_TMR = 0
ILIM = 0011
FB = 10
FB_DIS = 0
LPFB = 0
EN#
UV = 43.4V
UV RELEASE AT 45.1V
OV = 59.3V
OV RELEASE AT 58.3V
VOUT LOW = 44V
VEE
VEE
VEE
VEE
RAMP
VEE
VEE
SENSE2–
SENSE1–
ADC–
VEE
VOUTTH
4284 F13
RA1–
15
RA2–
1
RA1+
15
RA2+
1
LINE OPERATED
(INPUT STEPS LIMITED TO <5V)
VOUT
VLOAD
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com