Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 63 Page - Analog Devices

Part # LTC4151
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 63 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 59Page - Analog Devices LTC4151 Datasheet HTML 60Page - Analog Devices LTC4151 Datasheet HTML 61Page - Analog Devices LTC4151 Datasheet HTML 62Page - Analog Devices LTC4151 Datasheet HTML 63Page - Analog Devices LTC4151 Datasheet HTML 64Page - Analog Devices LTC4151 Datasheet HTML 65Page - Analog Devices LTC4151 Datasheet HTML 66Page - Analog Devices LTC4151 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
LTC4284
63
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
REGISTER NAME
REGISTER
ADDRESS* DESCRIPTION
READ/
WRITE
DATA
LENGTH
(BYTES)
DEFAULT VALUE
DRAIN_MAX_TH
0x34
ADC alarm threshold for maximum DRAIN voltage
R/W
1
0xFF
SENSE1_MIN_TH
0x35
ADC alarm threshold for minimum SENSE1+ − SENSE1–
R/W
1
0x00
SENSE1_MAX_TH
0x36
ADC alarm threshold for maximum SENSE1+ − SENSE1–
R/W
1
0xFF
SENSE2_MIN_TH
0x37
ADC alarm threshold for minimum SENSE2+ − SENSE2–
R/W
1
0x00
SENSE2_MAX_TH
0x38
ADC alarm threshold for maximum SENSE2+ − SENSE2–
R/W
1
0xFF
ADIN12_MIN_TH
0x39
ADC alarm threshold for minimum ADIN2 – ADIN1
R/W
1
0x00
ADIN12_MAX_TH
0x3A
ADC alarm threshold for maximum ADIN2 – ADIN1
R/W
1
0xFF
ADIN34_MIN_TH
0x3B
ADC alarm threshold for minimum ADIN4 – ADIN3
R/W
1
0x00
ADIN34_MAX_TH
0x3C
ADC alarm threshold for maximum ADIN4 – ADIN3
R/W
1
0xFF
ADIO12_MIN_TH
0x3D
ADC alarm threshold for minimum ADIO2 – ADIO1
R/W
1
0x00
ADIO12_MAX_TH
0x3E
ADC alarm threshold for maximum ADIO2 – ADIO1
R/W
1
0xFF
ADIO34_MIN_TH
0x3F
ADC alarm threshold for minimum ADIO4 – ADIO3
R/W
1
0x00
ADIO34_MAX_TH
0x40
ADC alarm threshold for maximum ADIO4 – ADIO3
R/W
1
0xFF
SENSE
0x41
Most recent ADC output for ADC+ − ADC–
R/W
2
0x0000
SENSE_MIN
0x42
Minimum ADC output for ADC+ − ADC–
R/W
2
0x0000
SENSE_MAX
0x43
Maximum ADC output for ADC+ − ADC–
R/W
2
0x0000
VPWR
0x44
Most recent ADC output for VPWR (RTNS or DRNS)
R/W
2
0x0000
VPWR_MIN
0x45
Minimum ADC output for VPWR (RTNS or DRNS)
R/W
2
0x0000
VPWR_MAX
0x46
Maximum ADC output for VPWR (RTNS or DRNS)
R/W
2
0x0000
POWER
0x47
Most recent ADC output for power
R/W
2
0x0000
POWER_MIN
0x48
Minimum ADC output for power
R/W
2
0x0000
POWER_MAX
0x49
Maximum ADC output for power
R/W
2
0x0000
ADIN1
0x4A
Most recent ADC output for ADIN1
R/W
2
0x0000
ADIN1_MIN
0x4B
Minimum ADC output for ADIN1
R/W
2
0x0000
ADIN1_MAX
0x4C
Maximum ADC output for ADIN1
R/W
2
0x0000
ADIN2
0x4D
Most recent ADC output for ADIN2
R/W
2
0x0000
ADIN2_MIN
0x4E
Minimum ADC output for ADIN2
R/W
2
0x0000
ADIN2_MAX
0x4F
Maximum ADC output for ADIN2
R/W
2
0x0000
ADIN3
0x50
Most recent ADC output for ADIN3
R/W
2
0x0000
ADIN3_MIN
0x51
Minimum ADC output for ADIN3
R/W
2
0x0000
ADIN3_MAX
0x52
Maximum ADC output for ADIN3
R/W
2
0x0000
ADIN4
0x53
Most recent ADC output for ADIN4
R/W
2
0x0000
ADIN4_MIN
0x54
Minimum ADC output for ADIN4
R/W
2
0x0000
ADIN4_MAX
0x55
Maximum ADC output for ADIN4
R/W
2
0x0000
ADIO1
0x56
Most recent ADC output for ADIO1
R/W
2
0x0000
ADIO1_MIN
0x57
Minimum ADC output for ADIO1
R/W
2
0x0000
ADIO1_MAX
0x58
Maximum ADC output for ADIO1
R/W
2
0x0000
ADIO2
0x59
Most recent ADC output for ADIO2
R/W
2
0x0000
ADIO2_MIN
0x5A
Minimum ADC output for ADIO2
R/W
2
0x0000
Table 3. LTC4284 Register Address and Contents (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com