Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4151
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 3 Page - Analog Devices

  LTC4151 Datasheet HTML 1Page - Analog Devices LTC4151 Datasheet HTML 2Page - Analog Devices LTC4151 Datasheet HTML 3Page - Analog Devices LTC4151 Datasheet HTML 4Page - Analog Devices LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
LTC4284
3
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage:
VIN ...................................................... –0.3V to 12.5V
INTVCC.................................................. –0.3V to 5.5V
Input Voltages
VZ (Note 3)............................................. –0.3V to 16V
DRAIN (Note 4)..................................... –0.3V to 3.2V
EN# (Note 5)............................................ –0.3V to 6V
MODE .......................................... –0.3V to VIN + 0.3V
UVL, UVH .............................................. –0.3V to 16V
ADC+ , ADC–, ADIN1-4, ADR0, ADR1,
DRNS, OV, RTNS, SCL, SDAI, SENSE1+,
SENSE1– , SENSE2+, SENSE2–,
VOUTTH, WP.........................–0.3V to INTVCC + 0.3V
Output Voltages
GATE1, GATE2, PGIO1-4 .............. –0.3V to VIN + 0.3V
VREF..................................................... –0.3V to 4.5V
ADIO1-4, RAMP, TMR............–0.3V to INTVCC + 0.3V
ALERT#, SDAO...................................... –0.3V to 5.5V
Input Currents:
VZ ......................................................................50mA
DRAIN...............................................................1.5mA
EN#......................................................................5mA
Operating Ambient Temperature Range
LTC4284C................................................ 0°C to 70°C
LTC4284I .............................................–40°C to 85°C
LTC4284H.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1 and 2)
TOP VIEW
UHG PACKAGE
44-LEAD (5mm × 8mm) PLASTIC QFN
TJMAX = 150°C, θJA = 36°C/W
EXPOSED PAD (PIN 45) IS VEE, CONNECTION OPTIONAL
44
44 43 42 41 40 39 38 37
15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
EN#
UVL
UVH
OV
VREF
VOUTTH
ADIN1
ADIN2
ADIN3
ADIN4
VEE
SENSE2–
ADC–
SENSE1–
SDAI
SDAO
ALERT#
VEE
PGIO4
PGIO3
PGIO2
PGIO1
ADIO4
ADIO3
ADIO2
ADIO1
TMR
RAMP
36
35
34
33
32
31
30
29
28
27
26
25
24
23
45
VEE
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4284CUHG#PBF
LTC4284CUHG#TRPBF
4284
44-Lead (5mm × 8mm) Plastic QFN
0°C to 70°C
LTC4284IUHG#PBF
LTC4284IUHG#TRPBF
4284
44-Lead (5mm × 8mm) Plastic QFN
–40°C to 85°C
LTC4284HUHG#PBF
LTC4284HUHG#TRPBF
4284
44-Lead (5mm × 8mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com