Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4151
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices LTC4151 Datasheet HTML 12Page - Analog Devices LTC4151 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
LTC4284
9
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Shunt Regulator Voltage vs
Input Current
VZ Input Current vs Temperature
INTVCC Voltage vs Load Current
GATE Output High Voltage vs
Leakage Current
GATE Pull-Down Current vs
SENSE Input Voltage
GATE Turn-Off Time vs
SENSE Input Voltage
I2C TIMING DIAGRAM
tSP
tBUF
tSU,STO
tSP
tHD,STA
START
CONDITION
STOP
CONDITION
tSU,STA
tHD,DATI
tHD,DATO
REPEATED START
CONDITION
REPEATED START
CONDITION
tSU,DAT
SDA
SCL
tHD,STA
4284 TD
VIN INPUT CURRENT (mA)
0
5
10
15
20
25
30
35
11.0
11.2
11.4
11.6
11.8
12.0
4284 G01
IGATE (µA)
0
–10 –20 –30 –40 –50 –60 –70
0
2
4
6
8
10
12
4284 G04
VZ = 15V
VIN = 10.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
1
2
3
4
5
4284 G02
VILIM = 15mV
VGATE = 7V
FAST PULL-DOWN
CURRENT LIMIT
SENSE INPUT VOLTAGE (mV)
0
20
40
60
80
100
0.001
0.01
0.1
1
10
4284 G05
IIN = 35mA
LOAD CURRENT (mA)
0
5
10
15
20
25
30
4.96
4.98
5.00
5.02
5.04
5.06
5.08
4284 G03
VILIM = 15mV
GATE FALLING FROM 11.5V TO 3V
FAST PULL-DOWN
CGATE = 100nF
GATE OPEN
SENSE INPUT VOLTAGE (mV)
0
20
40
60
80
100
0.01
0.1
1
10
100
1k
4284 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com