Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4151
Description  High Power Negative Voltage Hot Swap Controller with Energy Monitor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 3Page - Analog Devices LTC4151 Datasheet HTML 4Page - Analog Devices LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
LTC4284
7
Rev. B
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFS
Full-Scale Voltage
Single-Ended Inputs
2.048
V
Differential Inputs
32.768
mV
LSB
LSB Step Voltage
RTNS, ADIN1-4, ADIO1-4,
DRNS, DRAIN
ADC = 000b
8
mV
ADC = 010b
2
mV
ADC = 100b
0.5
mV
ADC = 110b
0.125
mV
ADC = xx1b
0.03125
mV
ADC+ – ADC–
ADC = 000b
128
µV
ADC = 010b
32
µV
ADC = 100b
8
µV
ADC = 110b
2
µV
ADC = xx1b
0.5
µV
SENSE1,2+ – SENSE1,2–,
ADIN2 – ADIN1,
ADIN4 – ADIN3,
ADIO2 – ADIO1,
ADIO4 – ADIO3
ADC = 000b
256
µV
ADC = 010b
64
µV
ADC = 100b
16
µV
ADC = 110b
4
µV
ADC = xx1b
1
µV
VOS
Offset Error (Note 7)
Single-Ended Inputs
l
0
±0.125
% VFS
Differential Inputs
l
0
±0.25
% VFS
INL
Integral Nonlinearity (Note 7)
ADIN1-4, ADIO1-4, RTNS, DRNS, DRAIN,
ADC+ – ADC–
l
±0.01
±0.06
% VFS
SENSE1,2+ – SENSE1,2–, ADIN2 – ADIN1,
ADIN4 – ADIN3, ADIO2 – ADIO1,
ADIO4 – ADIO3
l
±0.02
±0.12
% VFS
FSE
Full-Scale Error (Note 7)
Single-Ended Inputs
l
±0.7
%
Differential Inputs
l
±1.2
%
Power
l
±1.5
%
Energy
l
±5
%
fCONV
Refresh Rate in Continuous Mode
(Table 12)
l
±5
%
IADC+
ADC+ Input Current
ADC+ = 33mV
l
0
±1
µA
IADC–
ADC+ Input Current
ADC– = ADC+ = 0
l
–3
–7
µA
RADIN(SE)
ADIN1-4, ADIO1-4 Input Impedance,
Single-Ended
V = 3V
l
3
MΩ
IADIN(SE)
ADIN1-4, ADIO1-4 Input Current,
Single-Ended
V = 3V
l
0
±1
µA
IADIN(DIFF)
ADIN1, ADIN3, ADIO1, ADIO3 Input
Current, Differential Mode
ADIN1, ADIN3, ADIO1, ADIO3 = 0, ADIN2,
ADIN4, ADIO2, ADIO4 = 0
l
–3
–7
µA
ADIN2, ADIN4, ADIO2, ADIO4 Input
Current, Differential Mode
ADIN2, ADIN4, ADIO2, ADIO4 = 33mV
l
0
±1
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IIN + IVZ = 4mA with VIN Connected to VZ. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com