Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 4 Page - Analog Devices

  LTC7841 Datasheet HTML 1Page - Analog Devices LTC7841 Datasheet HTML 2Page - Analog Devices LTC7841 Datasheet HTML 3Page - Analog Devices LTC7841 Datasheet HTML 4Page - Analog Devices LTC7841 Datasheet HTML 5Page - Analog Devices LTC7841 Datasheet HTML 6Page - Analog Devices LTC7841 Datasheet HTML 7Page - Analog Devices LTC7841 Datasheet HTML 8Page - Analog Devices LTC7841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LTC7841
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBIAS
Input Supply Operating Voltage
Range
VBIAS Rising
4.5
60
V
VFB
Regulated Feedback Voltage
VOUT_COMMAND = 50%
VOUT_COMMAND = 25%
VOUT_COMMAND = 99.8%
l
l
l
1.188
0.590
2.371
1.2
0.6
2.395
1.212
0.610
2.419
V
V
V
Feedback Current
(Note 4)
±5
±50
nA
VOUTSNS
VOUTSNS Leakage Pin Current
VOUT = 36V
30
uA
VREFLNREG
Reference Voltage Line Regulation
(Note 4); VBIAS = 6V to 60V
0.002
0.01
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 1.6V
l
l
0.01
–0.01
0.1
–0.1
%
%
gm
Transconductance Amplifier gm
(Note 4); ITH = 1.2V; Sink/Source 5µA
2
mmho
IQ
Input DC Supply Current
(Note 5)
Pulse Skip or Forced Continuous
Mode
RUN = 5V, VFB = 1.25V (No Load)
2.5
4
mA
Sleep Mode
RUN = 5V, VFB = 1.25V (No Load)
0.800
1.5
mA
Shutdown
RUN = 0V
8
µA
UVLO
INTVCC Undervoltage Lockout
Thresholds
INTVCC Ramping Up
INTVCC Ramping Down
l
l
3.5
4.1
3.8
4.4
V
V
SENSE+ Pin Current
VFB = 1.1V, ILIM = Float
200
300
µA
SENSE– Pin Current
VFB = 1.1V, ILIM = Float
±1
µA
ISS
Soft-Start Charge Current
VSS = 0V
7
10
13
µA
VRUN
RUN Pin ON Threshold
VRUN Rising
l
1.18
1.28
1.38
V
RUN Pin Hysteresis
100
mV
RUN Pin Hysteresis Current
VRUN > 1.28V
4.5
µA
RUN Pin Current
VRUN < 1.28V
0.5
µA
∆VREF,ADJ
Maximum Reference Adjust Range
Set Point Accuracy
Resolution
LSB Step Size
MFR_VOUT_COMMAND = 0% to 99.8%
MFR_VOUT_COMMAND = 37.5% to 99.8%
0
–1
9
4.69
2.395
1
V
%
Bits
mV
NL_ VOUT
DAC Nonlinearity
±1
LSB
IASEL
ASEL Programming Current
10
µA
ICSLEW
CSLEW Pull-Up Current
–10
µA
TINIT
Initialization Time
(Note 9)
1
ms
SRMARGIN
Reference Slew Rate During Margin
Change
(see Note 8)
CSLEW = 470pF, Nominal SR mode
CSLEW = 470pF, Fast SR mode
CSLEW = 470pF, Slow SR mode
CSLEW = OPEN
CSLEW = INTVcc
0.8
1.6
0.1
80
10
%/ms
%/ms
%/ms
%/ms
%/µs
VSENSE(MAX)
Maximum Current Sense Threshold
VFB = 1.1V, ILIM = 0
VFB = 1.1V, ILIM = FLOAT
VFB = 1.1V, ILIM = INTVCC
l
l
l
42
68
88
50
75
100
58
82
110
mV
mV
mV
Matching Between VSENSE1(MAX) and
VSENSE2(MAX)
VFB = 1.1V, ILIM = INTVCC
VFB = 1.1V, ILIM = Float
VFB = 1.1V, ILIM = GND
l
l
l
–12
–10
–9
0
0
0
12
10
9
mV
mV
mV
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN = 5V, EXTVCC = 0V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com