Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 3 Page - Analog Devices

  LTC7841 Datasheet HTML 1Page - Analog Devices LTC7841 Datasheet HTML 2Page - Analog Devices LTC7841 Datasheet HTML 3Page - Analog Devices LTC7841 Datasheet HTML 4Page - Analog Devices LTC7841 Datasheet HTML 5Page - Analog Devices LTC7841 Datasheet HTML 6Page - Analog Devices LTC7841 Datasheet HTML 7Page - Analog Devices LTC7841 Datasheet HTML 8Page - Analog Devices LTC7841 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC7841
3
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBIAS, VOUT............................................... 65V to −0.3V
BOOST1, BOOST2...................................... 71V to −0.3V
SW1, SW2..................................................... 65V to −5V
INTVCC, (BOOST1 – SW1), (BOOST2 – SW2).6V to -0.3V
PGOOD, SDA, SCL, PLLIN/MODE ................ 6V to −0.3V
ALERT.......................................................... 5V to −0.3V
RUN ............................................................. 8V to −0.3V
EXTVCC.......................................................14V to −0.3V
SENSE1+, SENSE1−, SENSE2+, SENSE2−.... 65V to −0.3V
(SENSE1+ − SENSE1−), (SENSE2+ − SENSE2−),
(VBIAS − SENSE1+), (VBIAS − SENSE2+),
(VBIAS − SENSE1−), (VBIAS − SENSE2+).... 0.3V to −0.3V
ILIM, SS, ITH, FREQ, PHASMD, VFB..... INTVCC to −0.3V
ASEL, CSLEW, TSNS, VOUT_CFG................ VCCF to −0.3V
Operating Junction Temperature Range... –40°C to 150°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 3)
11 12 13 14
TOP VIEW
37
SGND
UHE PACKAGE
36-LEAD (5mm × 6mm) PLASTIC QFN
θJA = 43°C/W
EXPOSED PAD (PIN 37) IS GND, MUST BE SOLDERED TO PCB
15 16 17 18
36 35 34 33 32 31 30 29
21
22
23
24
25
26
27
28
8
7
6
5
4
3
2
1
VOUT
SENSE1+
SENSE1–
FREQ
PHASMD
CLKOUT
PLLIN/MODE
SGND
RUN
SS
SW1
TG1
BOOST1
BG1
VBIAS
PGND
EXTVCC
INTVCC
BG2
BOOST2
20
19
9
10
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7841EUHE#PBF
LTC7841EUHE#TRPBF
7841
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
LTC7841IUHE#PBF
LTC7841IUHE#TRPBF
7841
36-Lead (5mm × 6mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com