Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7841 Datasheet HTML 9Page - Analog Devices LTC7841 Datasheet HTML 10Page - Analog Devices LTC7841 Datasheet HTML 11Page - Analog Devices LTC7841 Datasheet HTML 12Page - Analog Devices LTC7841 Datasheet HTML 13Page - Analog Devices LTC7841 Datasheet HTML 14Page - Analog Devices LTC7841 Datasheet HTML 15Page - Analog Devices LTC7841 Datasheet HTML 16Page - Analog Devices LTC7841 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LTC7841
13
Rev. 0
For more information www.analog.com
SW1, SW2 (Pins 28, 17): Switch Node. Connect to the
source of the synchronous N-channel MOSFET, the drain
main N-channel MOSFET and the inductor.
TG1, TG2 (Pins 27, 18): Top Gate. Connect to the gate of
the synchronous N-channel MOSFET.
PGOOD (Pin 16): Power Good Indicator. Open-drain logic
output that is pulled to ground when the output voltage is
more than ±10 % away from the regulated output voltage.
To avoid false trips the output voltage must be outside the
range for 25μs before this output is activated.
SS (Pin 10): Output Soft-Start Input. A capacitor to
ground at this pin sets the ramp rate of the output volt-
age during start-up.
ITH (Pins 14): Error Amplifier Outputs and Switching
Regulator Compensation Points. Each associated chan-
nel’s current comparator trip point increases with this
control voltage.
VOUT (Pin 1): Output Voltage Sense Input. This pin
receives the remotely sensed output voltage and is input
to the internal ADC. The converted value is readable by
the READ_VOUT PMBus command.
SENSE1+, SENSE2+ (Pins 2, 12): Positive Current Sense
Comparator Input. The (+) input to the current comparator
is normally connected to the positive terminal of a cur-
rent sense resistor. The current sense resistor is normally
placed at the input of the boost controller in series with
the inductor. This pin also supplies power to the current
comparator.
CSLEW (Pin 34): Slew Rate Control. Add a capacitor to pro-
gram VOUT transition slew rate during changing the output
voltage. The slew rate is equal to 1.7% per ms per nF
of slew rate capacitance. With a 1nF capacitor, the slew
rate is 1.7%/ms. Two default slew rates are also available
when this pin is open or connected to INTVCC. The slew
rate can also be increased 2x or decreased 0.125x using
the MFR_CONFIG command.
ASEL (Pin 35): Serial Bus Address Configuration Input.
Connect a ±1% resistor from this pin to ground in order
to select the 3 LSBs of the serial bus interface address.
(see Table 4).
ALERT (Pin 31): Open Drain Digital Output. Connect the
system SMBALERT interrupt signal to this pin. A pull-up
resistor is required in the application.
SDA (Pin 29): Serial Bus Data Input and Output. A pull-up
resistor is required in the application.
SCL (Pin 30): Serial Bus Clock Input. A pull-up resistor
is required in the application.
VFB (Pin 13): Error Amplifier Feedback Input. This pin
receives the remotely sensed feedback voltage from an
external resistive divider connected across the output.
VOUT_CFG (Pin 32): Internal Reference Power-On Voltage.
This pin function is disabled in the LTC7841.
TSNS (Pin 33): External Temperature Sensor Input. A NTC
resistor from this pin to ground is used to monitor the
external temperature. The temperature can be read via
the PMBus.
VCCF (Pin 36): Leave this pin unconnected or use 0.1µF
capacitor for internal supply decoupling. For input or
output voltages greater than 55V, connect a small signal
Schottky diode from INTVCC to this pin to achieve best
ADC readback accuracy.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com