Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC7841 Datasheet HTML 35Page - Analog Devices LTC7841 Datasheet HTML 36Page - Analog Devices LTC7841 Datasheet HTML 37Page - Analog Devices LTC7841 Datasheet HTML 38Page - Analog Devices LTC7841 Datasheet HTML 39Page - Analog Devices LTC7841 Datasheet HTML 40Page - Analog Devices LTC7841 Datasheet HTML 41Page - Analog Devices LTC7841 Datasheet HTML 42Page - Analog Devices LTC7841 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LTC7841
39
Rev. 0
For more information www.analog.com
Special Layout Consideration
1. Exceeding ABS Max ratings on the sense pins can result
in damage to the controller. As the Sense− pins are con-
nected directly to VLOW, it is recommended that a fast
acting diode with an appropriately high voltage rating
be used to clamp these pins to reduce voltage spiking
below ground. The diodes should be placed close to the
controller IC, with the cathode connected to SENSE1– or
SENSE2– and the anode connected to ground.
2. The TG traces from the controller IC to the gate of the
external MOSFET should be kept as short as possible
to minimize the parasitic inductance. This inductance
can cause voltage spikes that can potentially exceed
the ABS Max rating of the drivers and damage them.
A 3Ω resistor and 1nF capacitor can be used to filter
these spikes as shown in Figure 19. If the TG traces are
longer than 25mm, this filter network must be used on
both TG1 and TG2. The 1nF capacitor should be placed
as close to the TG/SW pins as possible.
Figure 19.
LTC7841
SW
TG
3Ω
1nF
BG
VLOW
7841 F19
VHIGH
Filter for TG Traces > 25mm
PC Board Layout Debugging
Start with one controller on at a time. It is helpful to use
a DC-50MHz current probe to monitor the current in the
inductor while testing the circuit. Monitor the output
switching node (SW pin) to synchronize the oscilloscope
to the internal oscillator and probe the actual output volt-
age. Check for proper performance over the operating
voltage and current range expected in the application.
The frequency of operation should be maintained over the
input voltage range down to dropout and until the output
load drops below the low current operation threshold—
typically 10% of the maximum designed current level in
Burst Mode operation.
The duty cycle percentage should be maintained from cycle
to cycle in a well designed, low noise PCB implementa-
tion. Variation in the duty cycle at a subharmonic rate can
suggest noise pickup at the current or voltage
sensing inputs or inadequate loop compensation.
Overcompensation of the loop can be used to tame a
poor PC layout if regulator bandwidth optimization is not
required. Only after each controller is checked for its indi-
vidual performance should both controllers be turned on
at the same time. A particularly difficult region of opera-
tion is when one controller channel is nearing its current
comparator trip point while the other channel is turning
on its bottom MOSFET. This occurs around the 50% duty
cycle on either channel due to the phasing of the internal
clocks and may cause minor duty cycle jitter.
Reduce VIN from its nominal level to verify operation with
high duty cycle. Check the operation of the undervoltage
lockout circuit by further lowering VIN while monitoring
the outputs to verify operation.
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins. The capacitor placed across the current
sensing pins needs to be placed immediately adjacent to
the pins of the IC. This capacitor helps to minimize the
effects of differential noise injection due to high frequency
capacitive coupling.
An embarrassing problem which can be missed in an oth-
erwise properly working switching regulator, results when
the current sensing leads are hooked up backwards. The
output voltage under this improper hook-up will still be
maintained, but the advantages of current mode control
will not be realized. Compensation of the voltage loop
will be much more sensitive to component selection. This
behavior can be investigated by temporarily shorting out
the current sensing resistor—don’t worry, the regulator
will still maintain control of the output voltage.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com