Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7841 Datasheet HTML 20Page - Analog Devices LTC7841 Datasheet HTML 21Page - Analog Devices LTC7841 Datasheet HTML 22Page - Analog Devices LTC7841 Datasheet HTML 23Page - Analog Devices LTC7841 Datasheet HTML 24Page - Analog Devices LTC7841 Datasheet HTML 25Page - Analog Devices LTC7841 Datasheet HTML 26Page - Analog Devices LTC7841 Datasheet HTML 27Page - Analog Devices LTC7841 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
LTC7841
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The Typical Application on the first page is a basic LTC7841
application circuit. The LTC7841 can be configured to use
either inductor DCR (DC resistance) sensing or a discrete
sense resistor (RSENSE) for current sensing. The choice
between the two current sensing schemes is largely a
design trade-off between cost, power consumption and
accuracy. DCR sensing is becoming popular because it
does not require current sensing resistors and is more
power-efficient, especially in high current applications.
However, current sensing resistors provide the most accu-
rate current limits and current readback(ADC) for the con-
troller. Other external component selection is driven by the
load requirement, and begins with the selection of RSENSE
(if RSENSE is used) and inductor value. Next, the power
MOSFETs are selected. Finally, input and output capacitors
are selected. Note that the two controller channels of the
LTC7841 should be designed with the same components.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the cur-
rent comparators. The current sense resistor is normally
placed at the input of the boost controller in series with
the inductor.
The SENSE+ pin also provides power to the current com-
parator. It draws ~200μA during normal operation. There
is a small base current of less than 1μA that flows into
the SENSE– pin. The high impedance SENSE– input to the
current comparators allows accurate DCR sensing.
Filter components mutual to the sense lines should be
placed close to the LTC7841, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 8). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 9b), sense resistor R1 should be placed
close to the switching node, to prevent noise from cou-
pling into sensitive small-signal nodes.
Figure 8.
VIN
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
7841 F08
Sense Lines Placement with Inductor or Sense Resistor
Figure 9. Two Different Methods of Sensing Current
(a) Using a Resistor to Sense Current
(b) Using the Inductor DCR to Sense Current
TG
SW
BG
LTC7841
INTVCC
BOOST
SENSE+
SENSE–
(OPTIONAL)
VBIAS
VIN
VOUT
SGND
7841 F09a
TG
SW
BG
INDUCTOR
DCR
L
LTC7841
INTVCC
BOOST
SENSE+
SENSE–
R2
C1
R1
VBIAS
VIN
VOUT
PLACE C1 NEAR SENSE PINS
SGND
7841 F09b
(R1||R2) • C1 =
L
DCR
RSENSE(EQ) = DCR •
R2
R1 + R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com