Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC7841 Datasheet HTML 38Page - Analog Devices LTC7841 Datasheet HTML 39Page - Analog Devices LTC7841 Datasheet HTML 40Page - Analog Devices LTC7841 Datasheet HTML 41Page - Analog Devices LTC7841 Datasheet HTML 42Page - Analog Devices LTC7841 Datasheet HTML 43Page - Analog Devices LTC7841 Datasheet HTML 44Page - Analog Devices LTC7841 Datasheet HTML 45Page - Analog Devices LTC7841 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
LTC7841
42
Rev. 0
For more information www.analog.com
MFR_CLEAR_PEAKS
The MFR_CLEAR_PEAKS command clears the MFR_*_
PEAK data values and restarts the peak monitor routine.
This write-only command requires no data bytes, but will
accept (and ignore) up to two.
STATUS_WORD
The STATUS_WORD command returns two bytes of infor-
mation with a summary of the unit’s fault condition.
See Table 7 for a list of the status bits that are supported
and the conditions in which each bit is set. Certain bits
when set in the STATUS_WORD also cause the ALERT
pin to be asserted.
Writing a “1” to a particular bit in the status word will
attempt to reset that fault in the status word and the
ALERT pin. If the fault is still present the status word bit
and ALERT will remain asserted. If the ALERT has previ-
ously been cleared by an ARA message, the ALERT will
be re-asserted. If the fault is no longer present, the ALERT
pin will be de-asserted and the fault bit in the status word
will be cleared.
All bits in the status word are also cleared by toggling
the RUN pin or the ON bit in OPERATION. The bit will
immediately be set again if the fault remains.
This command has two data bytes.
Table 7. Status Word Bit Descriptions and Conditions
BIT
DESCRIPTION
CONDITION
SET ALERT?
CLEARABLE BY
WRITING ‘1’ TO BIT?
0 (LSB)
None of the Above
If b[15] set due to VOUT undervoltage
Yes
No
1
Communication Failure
(See Note 1)
Yes
Yes
2
Temperature Fault
Temp > 150°C
Yes
Yes
3
VIN Undervoltage Fault
Not Implemented
4
Output Overcurrent Fault
Not Implemented
5
Output Overvoltage Fault
VOUT > PGOOD High Threshold
Yes
Yes
6
OFF
No Power to the Output (Note 2)
No
No
7
Busy
Not Implemented
8
Unknown
Not Implemented
9
Other
Not Implemented
10
Fans
Not Implemented
11
PGOOD
Inverted state of PGOOD pin
No
No
12
Manufacturer Specific
Not Implemented
13
Input Voltage/ Current/Power Fault
Not Implemented
Yes
Yes
14
Output Current/Power Fault
Not Implemented
15 (MSB)
Output Voltage Fault
VOUT outside PGOOD window
(Note 3)
Yes
Yes
Note 1: Communication failure is one of following faults: host sends too
few bits, host reads too few bits, host writes too few bytes, host reads too
many bytes, improper R/W bit set, unsupported command code, attempt
to write to a read-only command. See PMBus Specification v1.2, Part II,
Sections 10.8 and 10.9 for more information.
Note 2: Power may be off due to any one of the following conditions:
OPERATION ON cleared or power on initialization not complete. When
the power is off due to RUN low or due to a more serious fault conditions
such as VIN low or overtemperature fault, the PMBus interface is turned off
instead of asserting the OFF bit.
Note 3: This bit is disabled when drivers are off for any reason, soft-start
not complete, or the VOUT has not reached the PGOOD window for the first
time.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com