Electronic Components Datasheet Search
  English  ▼

X  

LTC7841 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC7841
Description  PolyPhase Synchronous Boost Controller with PMBus Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7841 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC7841 Datasheet HTML 17Page - Analog Devices LTC7841 Datasheet HTML 18Page - Analog Devices LTC7841 Datasheet HTML 19Page - Analog Devices LTC7841 Datasheet HTML 20Page - Analog Devices LTC7841 Datasheet HTML 21Page - Analog Devices LTC7841 Datasheet HTML 22Page - Analog Devices LTC7841 Datasheet HTML 23Page - Analog Devices LTC7841 Datasheet HTML 24Page - Analog Devices LTC7841 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LTC7841
21
Rev. 0
For more information www.analog.com
OPERATION
Device Addressing
The LTC7841 offers four different types of addressing over
the PMBus interface, specifically: 1) global, 2) device, 3)
rail addressing and 4) alert response address (ARA).
Global addressing provides a means of the PMBus master
to address all LTC7841 devices on the bus. The LTC7841
global address is fixed 0x5A or 0x5B (7 bit) or 0xB4 or
0xB6 (8 bit) and cannot be disabled.
Device addressing provides the standard means of the
PMBus master communicating with a single instance
of an LTC7841. The value of the device address is set
by the ASEL configuration pin. Rail addressing pro-
vides a means of the PMBus master addressing a set of
channels connected to the same output rail, simultane-
ously. This is similar to global addressing, however, the
PMBus address can be dynamically assigned by using
the MFR_RAIL_ADDRESS command. It is recommended
that rail addressing should be limited to command write
operations.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Fault Status
The STATUS_WORD and ALERT pin provide fault status
information of the LTC7841 to the host.
Bus Timeout Failure
The LTC7841 implements a timeout feature to avoid hang-
ing the serial interface. The data packet timer begins at the
first START event before the device address write byte.
Data packet information must be completed within 25ms
or the LTC7841 will tri-state the bus and ignore the given
data packet. Data packet information includes the device
address byte write, command byte, repeat start event (if a
read operation), device address byte read (if a read opera-
tion), and all data bytes.
The user is encouraged to use as high a clock rate as
possible to maintain efficient data packet transfer between
all devices sharing the serial bus interface. The LTC7841
supports the full PMBus frequency range from 10kHz
to 400kHz.
Similarity Between PMBus, SMBus and I2C 2-Wire
Interface
The PMBus 2-wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
PMBus/SMBus protocols are more robust than simple
I2C byte commands because PMBus/SMBus provide
time-outs to prevent bus hangs and optional packet error
checking (PEC) to ensure data integrity. In general, a mas-
ter device that can be configured for I2C communication
can be used for PMBus communication with little or no
change to hardware or firmware. Repeat start (restart)
is not supported by all I2C controllers but is required for
SMBus/PMBus reads. If a general purpose I2C controller
is used, check that repeat start is supported.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, refer to PMBus Specification
Part 1 Revision 1.1: Paragraph 5: Transport.
For a description of the differences between SMBus
and I2C, refer to System Management Bus (SMBus)
Specification Version 2.0: Appendix B—Differences
Between SMBus and I2C.
PMBus Serial Interface
The LTC7841 communicates with a host (master) using
the standard PMBus serial bus interface. The Timing
Diagram, Figure 1, shows the timing relationship of the
signals on the bus. The two bus lines, SDA and SCL,
must be high when the bus is not in use. External pull-up
resistors or current sources are required on these lines.
The LTC7841 is a slave device. The master can communi-
cate with the LTC7841 using the following formats:
n
Master transmitter, slave receiver
n
Master receiver, slave transmitter
The following PMBus protocols are supported:
n
Write Byte, Write Word, Send Byte
n
Read Byte, Read Word
n
Alert Response Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com