Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 2Page - Analog Devices LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4705
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
FREQ (A4): Frequency is set internally to 1MHz. An exter-
nal resistor can be placed from this pin to GND to increase
frequency, or from this pin to INTVCC to reduce frequency.
See the Applications Information section for frequency
adjustment.
RUN1 (A5), RUN2 (A3): Run Control Input of Each
Switching Mode Regulator Channel. Enables chip opera-
tion by tying RUN above 1.27V. Tying this pin below 1V
shuts down the specific regulator channel. Do not float
this pin.
COMP1 (A6), COMP2 (A2): Current Control Threshold
and Error Amplifier Compensation Point of each Switching
Mode Regulator Channel. The current comparator’s trip
threshold is linearly proportional to this voltage, whose
normal range is from 0.3V to 1.8V. Tie the COMP pins
together for parallel operation. The device is internally
compensated.
FB1 (A7), FB2 (A1): The Negative Input of the Error
Amplifier for Each Switching Mode Regulator Channel.
Internally, this pin is connected to VOUT with a 60.4k preci-
sion resistor. Different output voltages can be programmed
with an additional resistor between FB and GND pins. In
PolyPhase operation, tying the FB pins together allows
for parallel operation. See the Applications Information
section for details.
GND (B3, C2, C3, C5, C6, D4, E1, E4, E7, F1 - F7, G1
- G7, H4, J4): Power Ground Pins for Both Input and
Output Returns.
INTVCC (B4): Internal 3.3V Regulator Output of the
Switching Mode Regulator Channel. The internal power
drivers and control circuits are powered from this voltage.
This pin is internally decoupled to GND with a 2.2µF low
ESR ceramic capacitor. No additional external decoupling
capacitor is needed.
SYNC/MODE (B5): Mode Select and External
Synchronization Input. Tie this pin to ground to force
continuous synchronous operation at all output loads.
Floating this pin or tying it to INTVCC enables high effi-
ciency Burst Mode operation at light loads. Drive this
pin with a clock to synchronize the LTM4705 switching
frequency. An internal phase-locked loop will force the
bottom power N-channel MOSFET’s turn on signal to be
synchronized with the rising edge of the clock signal.
When this pin is driven with a clock, forced continuous
mode is automatically selected.
PGOOD1 (B6), PGOOD2 (B2): Output Power Good with
Open-Drain Logic of Each Switching Mode Regulator
Channel. PGOOD is pulled to ground when the voltage
on the FB pin is not within ±8% (typical) of the internal
0.6V reference.
TRACK/SS1 (B7), TRACK/SS2 (B1): Output Tracking and
Soft-Start Pin of Each Switching Mode Regulator Channel.
It allows the user to control the rise time of the output
voltage. Putting a voltage below 0.6V on this pin bypasses
the internal reference input to the error amplifier, instead
it servos the FB pin to the TRACK voltage. Above 0.6V,
the tracking function stops and the internal reference
resumes control of the error amplifier. There’s an internal
1.4µA pull-up current from INTVCC on this pin, so putting
a capacitor here provides soft-start function.
SGND (C4): Signal Ground Connection. Tie to GND with
minimum distance. Connect COMP component, MODE,
TRACK/SS component, FB resistor to this pin as needed.
VIN1 (C7, D5 - D7, E5 - E6), VIN2 (C1, D1 - D3, E2 - E3):
Power Input Pins. Apply input voltage between these pins
and GND pins. Recommend placing input decoupling
capacitance directly between BOTH VIN1 and VIN2 pins
and GND pins. Please note the module internal control cir-
cuitry is running off VIN1. Channel 2 will not work without
a voltage higher than 3.1V present at VIN1.
VOUT1 (H5 - H7, J5 - J7), VOUT2 (H1 - H3, J1 - J3): Power
Output Pins of Each Switching Mode Regulator. Apply out-
put load between these pins and GND pins. Recommend
placing output decoupling capacitance directly between
these pins and GND pins.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com