Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices LTM4657 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM4705
7
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
DECOUPLING REQUIREMENTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 5A
10
22
µF
COUT
External Output Capacitor Requirement
(VIN = 3.1V to 20V, VOUT = 1.5V)
IOUT = 5A
47
100
µF
Figure 1. Simplified LTM4705 Block Diagram
POWER CONTROL
FB2
60.4k
2.2µF
0.1µF
40.2k
0.1µF
22µF
INTVCC
VOUT2
TRACK/SS2
0.1µF
TRACK/SS1
RUN1
RUN2
SYNC/MODE
COMP1
VOUT1
VIN1
VIN2
10k
PGOOD1
VOUT1
1.2V
5A
VIN
3.1V TO 20V
INTVCC
GND
1µH
4705 F01
FREQ
324k
INTERNAL
COMP
COMP2
FB1
60.4k
60.4k
VOUT1
10k
PGOOD2
INTVCC
100µF
0.1µF
VOUT2
VOUT2
1.5V
5A
GND
1µH
100µF
INTERNAL
COMP
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com