Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 1 Page - Analog Devices

  LTM4657 Datasheet HTML 1Page - Analog Devices LTM4657 Datasheet HTML 2Page - Analog Devices LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM4705
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20VIN, Dual 5A or Single 10A Step-Down
DC/DC µModule Regulator
The LTM®4705 is a complete dual 5A step-down switch-
ing mode µModule® (micromodule) regulator in a tiny
6.25mm × 7.5mm × 3.22mm BGA package. Included in
the package are the switching controller, power MOSFETs,
inductor and support components. Operating over an
input voltage range of 3.1V to 20V, the LTM4705 sup-
ports an output voltage range of 0.6V to 5.5V, set by a
single external resistor. Its high efficiency design delivers
dual 5A continuous output current. Only a few ceramic
input and output capacitors are needed.
The LTM4705 supports selectable Burst Mode operation
and output voltage tracking for supply rail sequencing.
Its high switching frequency and current mode control
enable a very fast transient response to line and load
changes without sacrificing stability.
Fault protection features include input overvoltage, output
overcurrent and overtemperature protection.
The LTM4705 is available with RoHS compliant
terminal finish.
2.5V and 1.8V Dual Output DC/DC Step-Down µModule Regulator
12V Input, Efficiency vs Load Current
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
Wide Input Voltage Range: 3.1V to 20V
n
0.6V to 5.5V Output Voltage
n
Dual 5A or Single 10A Output Current
n
±1.5% Maximum Total Output Voltage Regulation
Error Over Load, Line and Temperature
n
Current Mode Control, Fast Transient Response
n
External Frequency Synchronization
n
Multiphase Parallelable with Current Sharing
n
Output Voltage Tracking and Soft-Start Capability
n
Selectable Burst Mode® Operation
n
Overvoltage Input and Overtemperature Protection
n
Power Good Indicators
n
6.25mm × 7.5mm × 3.22mm BGA package
n
General Purpose Point-of-Load Conversion
n
Telecom, Networking and Industrial Equipment
n
Medical Diagnostic Equipment
n
Test and Debug Systems
All registered trademarks and trademarks are the property of their respective owners.
19.1k
4705 TA01a
22µF
VIN
3.1V TO 20V
VOUT1
2.5V, 5A
100µF
VOUT1
VOUT2
1.8V, 5A
100µF
VOUT2
FB1
COMP1
COMP2
GND
LTM4705
PGOOD1
PGOOD2
VIN2
VIN1
RUN1
RUN2
INTVCC
SYNC/MODE
TRACK/SS1
TRACK/SS2
FREQ
30.1k
FB2
LOAD CURRENT (A)
0
1
2
3
4
5
60
65
70
75
80
85
90
95
100
4705 TA01b
VOUT = 2.5V
VOUT = 1.8V


Similar Part No. - LTM4657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4657 AD-LTM4657 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4657 AD-LTM4657 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
LTM4657 AD-LTM4657 Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
LTM4657EY#PBF AD-LTM4657EY#PBF Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
More results

Similar Description - LTM4657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com