Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices LTM4657 Datasheet HTML 10Page - Analog Devices LTM4657 Datasheet HTML 11Page - Analog Devices LTM4657 Datasheet HTML 12Page - Analog Devices LTM4657 Datasheet HTML 13Page - Analog Devices LTM4657 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTM4705
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
If any operating frequency other than 1MHz is required by
application, the operating frequency can be increased by
adding a resistor, RFSET, between the FREQ pin and GND,
as shown in Figure 26. The operating frequency can be
calculated by Equation 6.
f Hz
( ) =
3.2e11
324k ||RFSET Ω
( )
(6)
To reduce switching current ripple, 1.5MHz to 2.5MHz
operating frequency can be used for 2.5V to 5V output
with RFSET to GND.
Table 2.
VOUT
0.6V TO
1.8V
2.5V
3.3V
5V
fSW
1MHz
1.5MHz
2MHz
2.5MHz
RFSET
Open
649kΩ
324kΩ
215kΩ
The operating frequency can also be decreased by adding
a resistor between the FREQ pin and INTVCC, calculated as:
f Hz
( ) = 1MHz –
5.67e11
RFSET Ω
( )
(7)
The programmable operating frequency range is from
800kHz to 3MHz.
Frequency Synchronization
The power module has a phase-locked loop comprised of
an internal voltage controlled oscillator and a phase detec-
tor. This allows the internal bottom MOSFET turn-on to
be locked to the rising edge of the external clock. A pulse
detection circuit is used to detect a clock on the SYNC/
MODE pin to turn on the phase locked loop. The pulse
width of the clock has to be at least 100ns. The clock high
level must be above 1V and clock low level below 0.3V.
The presence of an external clock will place both regulator
channels into forced continuous mode operation. During
the start-up of the regulator, the phase-locked loop func-
tion is disabled.
Multiphase Operation
For output loads that demand more than 5A of current,
two outputs in the LTM4705 or even multiple LTM4705s
can be paralleled to run out of phase to provide more
output current without increasing input and output volt-
age ripples.
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output
capacitors. The RMS input ripple current is reduced by,
and the effective ripple frequency is multiplied by, the
number of phases used (assuming that the input volt-
age is greater than the number of phases used times
the output voltage). The output ripple amplitude is also
reduced by the number of phases used when all of the
outputs are tied together to achieve a single high output
current design.
The two switching mode regulator channels inside the
LTM4705 are internally set to operate 180° out of phase.
Multiple LTM4705s could easily operate 90 degrees,
60 degrees or 45 degrees shift which corresponds to
4-phase, 6-phase or 8-phase operation by letting SYNC/
MODE of the LTM4705 synchronize to an external multi-
phase oscillator like LTC6902. Figure 2 shows a 4-phase
design example for clock phasing.
The LTM4705 is an inherently current mode controlled
device, so parallel modules will have very good current
sharing. This will balance the thermals on the design.
Please tie RUN, TRACK/SS, FB and COMP pin of each
paralleling channel together. Figure 24 shows an example
of parallel operation and pin connection.
INPUT RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and
4705 F02
V+
3.3V INTVCC
PH
SET
LTC6902
33.2k
0°
SYNC/MODE VOUT1
180°
VOUT2
DIV
GND
90°
SYNC/MODE VOUT1
270°
0°
90°
VOUT2
MOD
OUT1
OUT2
Figure 2. Example of Clock Phasing for 4-Phase
Operation with LTC6902



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com