Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 16Page - Analog Devices LTM4657 Datasheet HTML 17Page - Analog Devices LTM4657 Datasheet HTML 18Page - Analog Devices LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTM4705
22
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
LTM4705 Component BGA Pinout
PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION
A1
FB2
A2
COMP2
A3
RUN2
A4
FREQ
A5
RUN1
A6
COMP1
A7
FB1
B1
TRACK/SS2
B2
PGOOD2
B3
GND
B4
INTVCC
B5
SYNC/MODE
B6
PGOOD1
B7
TRACK/SS1
C1
VIN2
C2
GND
C3
GND
C4
SGND
C5
GND
C6
GND
C7
VIN1
D1
VIN2
D2
VIN2
D3
VIN2
D4
GND
D5
VIN1
D6
VIN1
D7
VIN1
E1
GND
E2
VIN2
E3
VIN2
E4
GND
E5
VIN1
E6
VIN1
E7
GND
F1
GND
F2
GND
F3
GND
F4
GND
F5
GND
F6
GND
F7
GND
G1
GND
G2
GND
G3
GND
G4
GND
G5
GND
G6
GND
G7
GND
H1
VOUT2
H2
VOUT2
H3
VOUT2
H4
GND
H5
VOUT1
H6
VOUT1
H7
VOUT1
J1
VOUT2
J2
VOUT2
J3
VOUT2
J4
GND
J5
VOUT1
J6
VOUT1
J7
VOUT1
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com