Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4657
Description  20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 2 Page - Analog Devices

  LTM4657 Datasheet HTML 1Page - Analog Devices LTM4657 Datasheet HTML 2Page - Analog Devices LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4705
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2 ................................................... –0.3V to 22V
VOUT1, VOUT2, PGOOD1, PGOOD2................ –0.3V to 6V
RUN1, RUN2 .............................................. –0.3V to 22V
INTVCC, TRACK/SS1, TRACK/SS2............ –0.3V to 3.6V
SYNC/MODE, COMP1, COMP2,
FB1, FB2,...............................................–0.3V to INTVCC
Operating Junction Temperature Range
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
BGA PACKAGE
63-PIN (6.25mm × 7.5mm × 3.22mm)
TJMAX = 125°C, θJCtop = 22°C/W, θJCbottom = 4°C/W,
θJA = 17°C/W, WEIGHT = 0.46g
TOP VIEW
F
H
VOUT1
GND
GND
GND
J
E
G
A
B
C
D
2
1
4
3
5
6
7
COMP1 FB1
FREQ RUN1
RUN2
COMP2
FB2
PGOOD1
TRACK/SS1
INTVCC
SGND
SYNC/MODE
PGOOD2
TRACK/SS2
VOUT2
VIN2
VIN1
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: Per Channel
VIN1
Input DC Voltage
l
3.1
20
V
VIN2
Input DC Voltage
3.1V < VIN1 < 20V
l
1.5
20
V
VOUT(RANGE) Output Voltage Range
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF, COUT = 100µF Ceramic, RFB = 40.2k, MODE =
INTVCC, VIN1 = VIN2 = 3.1V to 20V,
IOUT = 0A to 5A
l
1.477
1.5
1.523
V
VRUN
RUN Pin On Threshold
RUN Threshold Rising
RUN Threshold Falling
1.16
0.96
1.27
1
1.35
1.06
V
V
IQ(VIN)
Input Supply Bias Current
VIN1 = VIN2 = 12V, VOUT = 1.5V, MODE = GND
VIN1 = VIN2 = 12V, VOUT = 1.5V, MODE = INTVCC, IOUT = 0.5A
Shutdown, RUN1 = RUN2 = 0
15
79
75
mA
mA
µA
The l denotes the specifications which apply over the full operating
temperature range (Note 2), otherwise specifications are at TA = 25°C (Note 2), VIN1 = VIN2 = 12V, unless otherwise noted per the
typical application shown in Figure 23.
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4705EY#PBF
Au (RoHS)
LTM4705Y
e1
BGA
3
–40°C to 125°C
LTM4705IY#PBF
LTM4705Y
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com