Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC7862
6
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
SENSE– Pin Input Current
vs VSENSE Voltage
SENSE– Pin Input Bias Current
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Current Limit vs Feedback
Voltage
DRVCC and EXTVCC
vs Load Current
EXTVCC Switchover and DRVCC
Voltages vs Temperature
EXTVCC Switchover and DRVCC
Voltages vs Temperature
Soft Start-Up
Regulated Feedback Voltage
vs Temperature
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
792
794
796
798
800
802
804
806
808
7801 G02
VSENSE COMMON MODE VOLTAGE (V)
0 5 10 15 20 25 30 35 40 45 50 55 60 65
0
100
200
300
400
500
600
700
800
900
1000
7862 G06
VOUT ≥ INTVCC + 0.5V
VOUT ≤ INTVCC – 0.5V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
100
200
300
400
500
600
700
800
900
1000
7862 G07
RISING
RISING
FALLING
FALLING
DRVUV = INTVCC
DRVUV = 0V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7862 G08
FEEDBACK VOLTAGE (mV)
0
100 200 300 400 500 600 700 800
0
10
20
30
40
50
60
70
80
90
100
7862 G09
TA = 25°C, unless otherwise noted.
FIGURE 8 CIRCUIT
VIN = VOUT = 28V
2ms/DIV
RUN
10V/DIV
WARNB
5V/DIV
VOUT
10V/DIV
7862 G01
EXTVCC = 0V, DRVSET = INTVCC
EXTVCC = 13V, DRVSET = INTVCC
VIN LDO
EXTVCC = 0V, DRVSET=0V
EXTVCC = 5V, DRVSET = 0V
EXTVCC = 8.5V, DRVSET = 0V
LOAD CURRENT (mA)
0
10
20
30
40
50
4
5
6
7
8
9
10
7862 G03
EXTVCC RISING
EXTVCC FALLING
EXTVCC = 8.5V
ICC = 0mA
EXTVCC = 8.5V
ICC = 50mA
DRVUV = 0V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
4.0
4.5
5.0
5.5
6.0
6.5
7862 G04
EXTVCC RISING
EXTVCC FALLING
EXTVCC = 13V
ICC = 0mA
EXTVCC = 13V
ICC = 50mA
DRVUV = INTVCC
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
7.0
7.5
8.0
8.5
9.0
9.5
10.0
7862 G05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com