Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC7862
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
BOOST Charge Pump Charging
Current vs Frequency
BOOST Charge Pump Charging
Current vs SW Voltage
VBOOST = 16V
VSW = 12V
150°C
25°C
–55°C
OPERATING FREQUENCY (kHz)
0 100 200 300 400 500 600 700 800 900 1000
0
10
20
30
40
50
60
70
80
90
100
7862 G19
FREQ = 350kHz
VBOOST - VSW = 7V
150°C
25°C
–55°C
SW VOLTAGE (V)
0 5 10 15 20 25 30 35 40 45 50 55 60 65
0
10
20
30
40
50
60
70
80
90
100
7862 G20
VBOOST - VSW = 4V
TMR Pull-Up Current
vs Temperature
TMR Pull-Down Current vs
Temperature
Sustained Overvoltage Fault
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
–45
–44
–43
–42
–41
–40
–39
–38
–37
–36
–35
7862 G21
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
7862 G22
28V
100V
VIN
VOUT
FIGURE 8 CIRCUIT
VOUT = 28V, CTMR = 1µF
1s/DIV
VIN/VOUT
50V/DIV
TMR
2V/DIV
WARNB
5V/DIV
7862 G23
TA = 25°C, unless otherwise noted.
VIN = 12V
OUTPUT CURRENT (A)
0
2
4
6
8 10 12 14 16 18 20
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
7862 G24
VIN = 28V
FIGURE 8 CIRCUIT
VIN = 14V
OUTPUT CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
250
500
750
1000
1250
1500
1750
2000
7862 G25
FIGURE 10 CIRCUIT
VIN = 48V
OUTPUT CURRENT (A)
0
1
2
3
4
5
0
250
500
750
1000
1250
1500
7862 G26
FIGURE 11 CIRCUIT
Power Loss vs Output Current in
Pass-Through Mode
Power Loss vs Output Current in
Pass-Through Mode
Power Loss vs Output Current in
Pass-Through Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com