Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 24Page - Analog Devices LTC4367 Datasheet HTML 25Page - Analog Devices LTC4367 Datasheet HTML 26Page - Analog Devices LTC4367 Datasheet HTML 27Page - Analog Devices LTC4367 Datasheet HTML 28Page - Analog Devices LTC4367 Datasheet HTML 29Page - Analog Devices LTC4367 Datasheet HTML 30Page - Analog Devices LTC4367 Datasheet HTML 31Page - Analog Devices LTC4367 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC7862
29
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 10. 8V to 140V Input, 18V Maximum 10A Output at 535kHz
Figure 11. 8V to 140V Input, 54V Maximum 5A Output at 535kHz with Reverse Input Protection
MTOP
×2
MBOT
L
3.3µH
3m
10
1nF
1M
46.5k
CB
0.47µF
4.7µF
100pF
4.7nF
D1
22µF
100k
7862 F10
0.1µF
4.99k
0.1µF
VFB
DRVUV
FREQ
ITH
RUN
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+ SENSE–
LTC7862
VIN
8V TO 140V
MTOP, MBOT: INFINEON BSC093N15NS5
L: COILCRAFT XAL1010-332ME
CINA: SUNCON 160CE22LH
CINB: TDK CGA8P3X7T2E105M250KA
COUTA: KEMET T521X107M025ATE060
COUTB: TDK C3225X5R1E226M250AC
CB: TDK CGA5L3X7T2E224K160AA
D1: NEXPERIA PNE20010ER
* VOUT FOLLOWS VIN WHEN VIN < 18V
VOUT CLAMPS AT 18V WHEN VIN > 18V
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
*VOUT
CLAMPED AT 18V
10A
COUTB
22µF
×3
COUTA
100µF
INTVCC
WARNB
DRVCC
CINB
1µF
×2
CINA
22µF
×2
1M
MTOP
MBOT
L
10µH
5m
1M
15k
CB
0.22µF
CINI
0.22µF
4.7µF
100pF
4.7nF
22µF
100k
0.1µF
4.75k
0.1µF
MB
Q1
270k
1k
10k
D2
D3
240k
COUTB
2.2µF
×3
COUTA
15µF
10
1nF
1M
D1
V
DRVUV
FREQ
ITH
RUN
FB
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+ SENSE–
LTC7862
VIN
8V TO 140V
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
INTVCC
WARNB
DRVCC
CINB
1µF
×2
CINA
22µF
*VOUT
CLAMPED at 54V
5A
MB: INFINEON BSC093N15NS5
MTOP: INFINEON BSC093N15NS5
MBOT: INFINEON BSC160N15NS5
L: COILCRAFT XAL1010-103ME
CINI: TDK C3225X7R2E224K200AA
CINA: SUNCON 160CE47LHT
CINB: TDK CGA8P3X7T2E105M250KA
COUTA: KEMET T521X156M063ATE035
COUTB: TDK C4532X7R2A225K230KA
Q1: ON SEMI MMBT3904
CB: TDK CGA5L3X7T2E224K160AA
D1: NEXPERIA PNE20010ER
D2, D3: CENTRAL SEMI CMDD3003
0.01µF
7862 F11
* VOUT FOLLOWS VIN WHEN VIN < 54V
VOUT CLAMPS AT 54V WHEN VIN > 54V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com