Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices LTC4367 Datasheet HTML 15Page - Analog Devices LTC4367 Datasheet HTML 16Page - Analog Devices LTC4367 Datasheet HTML 17Page - Analog Devices LTC4367 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC7862
14
Rev 0
For more information www.analog.com
OPERATION
beyond), the output voltage VOUT rises smoothly from
zero to its final value.
Light Load Current Operation (Pulse-Skipping Mode)
In switching mode, LTC7862 enters constant frequency
pulse-skipping mode at light load currents.
In this mode, constant frequency operation is maintained
down to approximately 1% of designed maximum output
current. At very light loads, the current comparator, ICMP,
may remain tripped for several cycles and force the exter-
nal top MOSFET to stay off for the same number of cycles
(i.e., skipping pulses). The inductor current is not allowed
to reverse (discontinuous operation).
Frequency Selection (FREQ Pin)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
The switching frequency of the LTC7862 can be selected
using the FREQ pin.
The FREQ pin can be tied to GND, tied to INTVCC or pro-
grammed through an external resistor. Tying FREQ to
GND selects 350kHz while tying FREQ to INTVCC selects
535kHz. Placing a resistor between FREQ and GND allows
the frequency to be programmed between 50kHz and
900kHz, as shown in Figure 1.
Table 1 summarizes the different states in which the FREQ
pin can be used.
Table 1.
FREQ PIN
FREQUENCY
0V
350kHz
INTVCC
535kHz
Resistor to GND
50kHz to 900kHz
Input Supply Overvoltage Lockout (OVLO Pin)
The LTC7862 implements a protection feature that stops
all switching and turns off both the top and bottom exter-
nal MOSFETs when the input voltage rises above a pro-
grammable operating range. By using a resistor divider
from the input supply to ground, the OVLO pin serves as
a precise input supply voltage monitor. Switching is dis-
abled when the OVLO pin rises above 1.2V, which can be
configured to limit switching to a specific range of input
supply voltage.
When switching is disabled, the LTC7862 can safely sus-
tain input voltages up to the absolute maximum rating of
150V. Input supply overvoltage events trigger a soft-start
reset, which results in a graceful recovery from an input
supply transient.
Output Overvoltage Protection
An overvoltage comparator guards against transient over-
shoots as well as other more serious conditions that may
overvoltage the output. When the VFB pin rises by more
than 10% above its regulation point of 0.800V, the top
MOSFET is turned off and the bottom MOSFET is turned
on until the overvoltage condition is cleared.
FREQ PIN RESISTOR (k)
15
600
800
1000
35 45 55
25
7862 F01
400
200
500
700
900
300
100
0
65 75 85 95 105 115 125
Figure 1. Relationship Between Oscillator Frequency
and Resistor Value at the FREQ Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com