Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 1 Page - Analog Devices

  LTC4367 Datasheet HTML 1Page - Analog Devices LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC7862
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
140V High Efficiency
Switching Surge Stopper
The LTC®7862 high efficiency switching surge stopper pro-
tects loads from high voltage transients. High efficiency
switching allows high output currents, small solution sizes,
and high reliability. During an input overvoltage event, the
LTC7862 controls the gates of two external N-channel
MOSFETs to act as a switching DC/DC step-down regu-
lator. This maintains the output voltage at a safe value,
allowing the loads to continue to operate through the input
overvoltage event. During normal operation, the LTC7862
turns on the top external N-channel MOSFET continuously,
passing the input voltage through to the output, with mini-
mal voltage drop. Using a fast peak current comparator,
the LTC7862 also limits the maximum output current to
protect against overcurrent and short-circuit faults.
An adjustable timer limits the time that the LTC7862 can
spend switching during an overvoltage, overcurrent, or
startup condition. When the timer expires, the external
MOSFETs are turned off for a cooldown period and then
the LTC7862 restarts. By strictly limiting how long the
LTC7862 can switch, when the power loss is relatively
high, the components and thermal design can be opti-
mized for normal pass-through operation while still safely
operating through high voltage input surges and/or over-
current events.
28V, 20A with 100V Overvoltage Protection
APPLICATIONS
n
VOUT Clamp Stops High Voltage Input Surges
n
100% Duty Cycle Pass-Through Mode During
Normal Operation
n
Switches During Overvoltage or Overcurrent
Transients and Faults and During Startup
n
High Efficiency Switching Enables Long Duration
Surge Protection and High Output Currents
n
Wide VIN Range: 4V to 140V (150V Abs Max)
n
Adjustable Output Voltage Clamp Up to 60V
n
Adjustable Output Overcurrent Protection
n
RSENSE or Inductor DCR Current Sensing
n
Power Inductor Reduces Input EMI in Normal Mode
n
Adjustable Soft-Start for Inrush Current Limiting
n
Programmable Fault Timer
n
Open-Drain Fault Warning Indicator
n
2.7% Retry Duty Cycle During Faults
n
Adjustable Switching Frequency: 50kHz to 900kHz
n
Adjustable Input Voltage Turn-On Threshold
n
Adjustable Input Overvoltage Lockout Threshold
n
20-Pin 4mm × 5mm QFN and TSSOP Packages
n
Automotive/Avionic/Industrial Surge Protection
n
Automotive Load Dump Protection
n
Vehicle Power Including ISO7637
n
Military Power Including MIL1275
All registered trademarks and trademarks are the property of their respective owners.
Overvoltage Protector Regulates
Output at 28V During VIN Transient
MTOP ×2
MBOT
L, 6.8µH
1M
24.3k
0.47µF
CINB
2.2µF
×3
CINA
22µF
4.7µF
100pF
6.8nF
22µF
100k
0.1µF
4.75k
0.1µF
COUTB
6.8µF
×3
COUTA
100µF
36.5k
2.05k
2.2µF
1M
D1
2.21k
VFB
DRVUV
FREQ
ITH
RUN
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+
SENSE–
LTC7862
VIN
8V TO 100V
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
*VOUT
CLAMPED AT 34V
20A
INTVCC
WARNB
DRVCC
7862 TA01a
MTOP/MBOT: INFINEON BSC035N10NS5
L: COILCRAFT SER2918H-682KL
CINA: SUNCON 160CE22LH
CINB: TDK C4532X7R2A225K230KA
COUTA: SUN 63CE100LX
COUTB: TDK C4532X7R1H685K250KB
D1: NEXPERIA: PNE20010ER
* VOUT FOLLOWS VIN WHEN VIN < 34V
VOUT CLAMPS AT 34V WHEN VIN > 34V
28V
34V
100V INPUT SURGE
VIN
VOUT
100ms/DIV
VIN/VOUT
50V/DIV
SW
100V/DIV
WARNB
5V/DIV
7862 TA01b


Similar Part No. - LTC4367

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Analog Devices
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4367 AD-LTC4367 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC4367 AD-LTC4367 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
More results

Similar Description - LTC4367

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC7860 LINER-LTC7860_15 Datasheet
828Kb / 26P
High Efficiency Switching Surge Stopper
logo
Richtek Technology Corp...
RT2910A RICHTEK-RT2910A Datasheet
1Mb / 20P
High Efficiency Inverting PWM Converter with Surge Stopper
logo
Linear Technology
LTC7860 LINER-LTC7860 Datasheet
320Kb / 6P
High Efficiency Switching Surge Stopper/EMI Filter
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
High Voltage Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com