Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices LTC4367 Datasheet HTML 11Page - Analog Devices LTC4367 Datasheet HTML 12Page - Analog Devices LTC4367 Datasheet HTML 13Page - Analog Devices LTC4367 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC7862
10
Rev 0
For more information www.analog.com
DRVUV (Pin 16/Pin 18): DRVCC Regulation and UVLO
Program Pin. This pin sets the regulated output voltage
of the DRVCC linear regulator. Tying this pin to GND sets
DRVCC to 6.0V. Tying this pin to INTVCC sets DRVCC to
9V. This pin also determines the higher or lower DRVCC
UVLO and EXTVCC switchover thresholds, as listed on
the Electrical Characteristics table. Connecting DRVUV to
GND chooses the lower thresholds whereas tying DRVUV
to INTVCC chooses the higher thresholds. Do not float
this pin.
INTVCC (Pin 17/Pin 19): Output of the Internal 5V Low
Dropout Regulator. Many of the low voltage analog and
digital circuits are powered from this voltage source. A
low ESR 0.1µF ceramic bypass capacitor should be con-
nected between INTVCC and GND, as close as possible to
the LTC7862.
OVLO (Pin 18/Pin 20): Overvoltage Lockout Input. A
voltage on this pin above 1.2V disables switching of
the controller. The DRVCC and INTVCC supplies maintain
regulation during an OVLO event. Exceeding the OVLO
threshold triggers a soft-start reset. If the OVLO function
is not used, connect this pin to GND.
SENSE+ (Pin 19/Pin 1): The (+) Input to the Differential
Current Comparator. The ITH pin voltage and controlled
offsets between the SENSE– and SENSE+ pins in conjunc-
tion with RSENSE set the current trip threshold.
SENSE– (Pin 20/Pin 2): The (–) Input to the Differential
Current Comparator. When SENSE– is greater than INTVCC,
the SENSE– pin supplies power to the current comparator.
PIN FUNCTIONS (QFN/TSSOP)
TIMING DIAGRAM
7862 TD
TG
TG
TMR
TMR
COOLDOWN
COOLDOWN
DROPOUT
DROPOUT
WARNB
WARNB
SWITCHING OFF
SWITCHING OFF
40µA PULL-UP CURRENT
40µA PULL-UP CURRENT
1.1µA PULL-DOWN CURRENT
1.1µA PULL-DOWN CURRENT
(NOT TO SCALE)
(NOT TO SCALE)
2.19V
2.19V
250mV
250mV
0V
0V
SWITCHING
SWITCHING
VIN SURGE
VIN SURGE
VIN SURGE GOES AWAY
VIN SURGE GOES AWAY
SWITCHING OFF
SWITCHING OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com