Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4367
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 18Page - Analog Devices LTC4367 Datasheet HTML 19Page - Analog Devices LTC4367 Datasheet HTML 20Page - Analog Devices LTC4367 Datasheet HTML 21Page - Analog Devices LTC4367 Datasheet HTML 22Page - Analog Devices LTC4367 Datasheet HTML 23Page - Analog Devices LTC4367 Datasheet HTML 24Page - Analog Devices LTC4367 Datasheet HTML 25Page - Analog Devices LTC4367 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC7862
22
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC grounded. This will cause DRVCC to be pow-
ered from the internal VIN LDO.
2. EXTVCC connected directly to the regulator output
from 5V to 14V.
3. EXTVCC connected to an external supply. If an exter-
nal supply is available in the 5V to 14V range, it may
be used to power EXTVCC providing it is compatible
with the MOSFET gate drive requirements. Ensure that
EXTVCC ≤ VIN.
4. EXTVCC connected to the regulator output through an
external zener diode. If the output voltage is greater
than 14V, a zener diode can be used to drop the nec-
essary voltage between VOUT and EXTVCC such that
EXTVCC remains below 14V (Figure 7). In this con-
figuration, a bypass capacitor on EXTVCC of at least
0.1μF is recommended. An optional resistor between
EXTVCC and GND can be inserted to ensure adequate
bias current through the Zener diode.
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connected to the
BOOST pin supplies the gate drive voltage for the top-
side MOSFET. Capacitor CB in the Functional Diagram is
charged through the external low leakage diode, DB, from
DRVCC when the SW pin is low. When the topside MOSFET
is to be turned on, the driver places the CB voltage across
the gate-source of the MOSFET. This enhances the top
MOSFET switch and turns it on. The switch node voltage,
SW, rises to VIN and the BOOST pin follows. With the top-
side MOSFET on, the BOOST voltage is above the input
supply: VBOOST = VIN + VDRVCC. The value of the boost
capacitor, CB, needs to be 100 times that of the total input
capacitance of the topside MOSFET(s).
External BOOST Diode Selection (DB)
A Schottky diode should not be used between DRVCC and
BOOST, as the reverse leakage of the Schottky diode at hot
will be more current than the charge pump can provide.
Some example of silicon diodes with low leakage include:
CMHD3595, CMDD3003: Central Semiconductor
ES1DR, PNE20010ER: Nexperia
Fault Conditions: Current Limit
Under short-circuit conditions with very low duty cycles,
the LTC7862 will begin cycle skipping in order to limit the
short-circuit current. In this situation the bottom MOSFET
will be dissipating most of the power. The short-circuit
ripple current is determined by the minimum on-time,
tON(MIN), of the LTC7862 (≈80ns), the input voltage and
inductor value:
ΔIL(SC) = tON(MIN)
VIN
L
⎛
⎝⎜
⎞
⎠⎟
The resulting average short-circuit current is:
ISC =
VSENSE(MAX)
RSENSE
−
1
2
ΔIL(SC)
7862 F07
LTC7862
VOUT > 14V
EXTVCC
GND
EXTVCC < 14V
0.1µF
Figure 7. Using a Zener Diode Between VOUT and EXTVCC
INTVCC Regulator
An additional P-channel LDO supplies power at the INTVCC
pin from the DRVCC pin. Whereas DRVCC powers the gate
drivers, INTVCC powers much of the LTC7862’s internal
circuitry. The INTVCC supply must be bypassed with a
0.1μF ceramic capacitor. INTVCC is also used as a pull-up
to bias other pins, such as FREQ and WARNB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com