Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 3Page - Analog Devices ADP5065 Datasheet HTML 4Page - Analog Devices ADP5065 Datasheet HTML 5Page - Analog Devices ADP5065 Datasheet HTML 6Page - Analog Devices ADP5065 Datasheet HTML 7Page - Analog Devices ADP5065 Datasheet HTML 8Page - Analog Devices ADP5065 Datasheet HTML 9Page - Analog Devices ADP5065 Datasheet HTML 10Page - Analog Devices ADP5065 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VIN1, VIN2 to PGND1, PGND2
−0.5 V to +20 V
All Other Pins to AGND
−0.3 V to +6 V
Continuous Drain Current, Battery Supple-
mentary Mode, from ISO_Bx to ISO_Sx
TJ ≤ 85°C
2.2 A
TJ = 125°C
1.1 A
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
θJB
Unit
20-Lead WLCSP1
46.8
0.7
9.2
°C/W
1
5 × 4 array, 0.5 mm pitch (2.75 mm × 2.08 mm); based on a JEDEC, 2S2P,
4-layer board with 0 m/sec airflow.
Maximum Power Dissipation
The maximum safe power dissipation in the ADP5065 package
is limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the plastic changes its properties. Even temporarily
exceeding this temperature limit may change the stresses that
the package exerts on the die, permanently shifting the para-
metric performance of the ADP5065. Exceeding a junction
temperature of 175°C for an extended period of time can result
in changes in the silicon devices that potentially cause failure.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com