Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 23Page - Analog Devices ADP5065 Datasheet HTML 24Page - Analog Devices ADP5065 Datasheet HTML 25Page - Analog Devices ADP5065 Datasheet HTML 26Page - Analog Devices ADP5065 Datasheet HTML 27Page - Analog Devices ADP5065 Datasheet HTML 28Page - Analog Devices ADP5065 Datasheet HTML 29Page - Analog Devices ADP5065 Datasheet HTML 30Page - Analog Devices ADP5065 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 27 of 40
Table 18. Termination Settings, Register Address 0x03 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:2]
VTRM[5:0]
R/W
100011 = 4.20 V
Termination voltage programming bus. The values of the float
voltage can be programmed as per the following values:
000000 = 3.50 V.
000001 = 3.52 V.
000010 = 3.54 V.
000011 = 3.56 V.
000100 = 3.58 V.
000101 = 3.60 V.
000110 = 3.62 V.
000111 = 3.64 V.
001000 = 3.66 V.
001001 = 3.68 V.
001010 = 3.70 V.
001011 = 3.72 V.
001100 = 3.74 V.
001101 = 3.76 V.
001110 = 3.78 V.
001111 = 3.80 V.
010000 = 3.82 V.
010001 = 3.84 V.
010010 = 3.86 V.
010011 = 3.88 V.
010100 = 3.90 V.
010101 = 3.92 V.
010110 = 3.94 V.
010111 = 3.96 V.
011000 = 3.98 V.
011001 = 4.00 V.
011010 = 4.02 V.
011011 = 4.04 V.
011100 = 4.06 V.
011101 = 4.08 V.
011110 = 4.10 V.
011111 = 4.12 V.
100000 = 4.14 V.
100001 = 4.16 V.
100010 = 4.18 V.
100011 = 4.20 V.
100100 = 4.22 V.
100101 = 4.24 V.
100110 = 4.26 V.
100111 = 4.28 V.
101000 = 4.30 V.
101001 = 4.32 V.
101010 = 4.34 V.
101011 = 4.36 V.
101100 = 4.38 V.
101101 = 4.40 V.
101110 to 111111 = 4.42 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com