Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 2 Page - Analog Devices

  ADP5065 Datasheet HTML 1Page - Analog Devices ADP5065 Datasheet HTML 2Page - Analog Devices ADP5065 Datasheet HTML 3Page - Analog Devices ADP5065 Datasheet HTML 4Page - Analog Devices ADP5065 Datasheet HTML 5Page - Analog Devices ADP5065 Datasheet HTML 6Page - Analog Devices ADP5065 Datasheet HTML 7Page - Analog Devices ADP5065 Datasheet HTML 8Page - Analog Devices ADP5065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ADP5065
Data Sheet
Rev. D | Page 2 of 40
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Recommended Input and Output Capacitance........................ 5
I2C-Compatible Interface Timing Specifications..................... 6
Absolute Maximum Ratings ....................................................... 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Temperature Characteristics ..................................................... 11
Typical Waveforms ..................................................................... 13
Theory of Operation ...................................................................... 15
Introduction ................................................................................ 15
Charger Modes............................................................................ 17
Thermal Management ............................................................... 19
Battery Isolation FET................................................................. 19
Battery Detection ....................................................................... 20
Battery Pack Temperature Sensing .......................................... 21
External Resistor for V_WEAK_SET...................................... 22
I2C Interface ................................................................................ 23
Charger Operational Flowchart ............................................... 24
I2C Register Map......................................................................... 25
Register Bit Descriptions........................................................... 26
Applications Information .............................................................. 32
External Components................................................................ 32
PCB Layout Guidelines.................................................................. 34
Power Dissipation and Thermal Considerations ....................... 35
Charger Power Dissipation ....................................................... 35
Junction Temperature ................................................................ 36
Factory-Programmable Options .................................................. 37
Packaging and Ordering Information ......................................... 38
Outline Dimensions................................................................... 38
Ordering Guide .......................................................................... 38
REVISION HISTORY
2/13—Rev. C to Rev. D
Changed Maximum Duty Cycle from 93% to 96%............................. 3
Changed Bit[3:0] Default Value from 0100 to 0101, Table 16 .. 26
Changed Bit 5 and Bit 2 Default Values from 1 to 0, Table 21 ....... 29
Deleted Disconnecting Supply Voltage at VINx Section ............... 34
9/12—Rev. B to Rev. C
Changed Bit[3:0] Default Value from 0011 to 0100, Table 16.........27
Added Disconnecting Supply Voltage at VINx Section ............ 34
4/12—Rev. A to Rev. B
Changes to Features Section and General Description Section........ 1
Changes to Table 1............................................................................ 3
Changes to VIN1, VIN2 to PGND1, PGND2 Parameter, Table 4... 7
Changes to Introduction Section.................................................. 15
11/11—Rev. 0 to Rev. A
Changes to Figure 10...................................................................... 10
Changes to Figure 17 and Figure 18............................................. 11
Changes to Figure 41...................................................................... 36
10/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com