Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 9Page - Analog Devices ADP5065 Datasheet HTML 10Page - Analog Devices ADP5065 Datasheet HTML 11Page - Analog Devices ADP5065 Datasheet HTML 12Page - Analog Devices ADP5065 Datasheet HTML 13Page - Analog Devices ADP5065 Datasheet HTML 14Page - Analog Devices ADP5065 Datasheet HTML 15Page - Analog Devices ADP5065 Datasheet HTML 16Page - Analog Devices ADP5065 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 13 of 40
TYPICAL WAVEFORMS
CH1 2.0V
CH2 2.0V
CH3 200mA CH4 200mA
100µs
A CH2
44mA
3
4
2
1
T
0.00s
T
IISO_B
VISO_S
IVIN
VIN
CIN INRUSH
CURRENT
Figure 22. Typical Waveforms, VINx Connect From High Impedance to
VBUS, ILIM = 100 mA
CH1 2.0V
CH2 2.0V
CH3 500mA CH4 500mA
20µs
A CH3
40mA
3
4
2
1
T
0.00s
T
IISO_B
VISO_S
IVIN
VIN
Figure 23. Mode Change, Fast Charge to Suspend (EN_CHG from High to
Low), ILIM = 500 mA, RLOAD = 33 Ω
CH1 2.0V
CH2 2.0V
CH3 500mA CH4 500mA
100µs
A CH3
430mA
3
4
2
1
T
0.00s
T
IISO_B
VISO_S
IVIN
VIN
Figure 24. VINx Current Limit Change from 100 mA to 500 mA,
EN_CHG = High, VIN = 5.0 V, RLOAD = 33 Ω
CH1 2.0V
CH2 2.0V
CH3 200mA CH4 200mA
100µs
A CH3
44mA
3
4
2
1
T
0.00s
T
IISO_B
VISO_S
IVIN
VIN
Figure 25. Typical Waveforms, VINx Disconnect from VBUS to High
Impedance, ILIM = 100 mA
CH1 2.0V
CH2 2.0V
CH3 500mA CH4 500mA
100µs
A CH3
40mA
3
4
2
1
T
0.00s
T
IISO_B
VISO_S
IVIN
VIN
Figure 26. Mode Change, Suspend to Fast Charge (EN_CHG from Low to
High), ILIM = 500 mA, RLOAD = 33 Ω
CH1 2.0V CH2 50.0mV
B
W
CH4 500mA
800ns
A CH1
2.16V
4
2
1
T
–8.0ns
T
VISO_S
ISW
SW
Figure 27. Typical Waveforms, Heavy Load, VIN = 5.0 V, IISO_S = 1000 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com