Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 7Page - Analog Devices ADP5065 Datasheet HTML 8Page - Analog Devices ADP5065 Datasheet HTML 9Page - Analog Devices ADP5065 Datasheet HTML 10Page - Analog Devices ADP5065 Datasheet HTML 11Page - Analog Devices ADP5065 Datasheet HTML 12Page - Analog Devices ADP5065 Datasheet HTML 13Page - Analog Devices ADP5065 Datasheet HTML 14Page - Analog Devices ADP5065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 11 of 40
TEMPERATURE CHARACTERISTICS
AMBIENT TEMPERATURE (°C)
5.25
5.30
5.35
5.40
5.45
5.50
5.55
5.60
5.65
5.70
5.75
–40
–20
0
20
40
60
80
100
120
Figure 13. VINx Overvoltage Protection Rising Threshold vs. Ambient
Temperature
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
Figure 14. System Voltage vs. Ambient Temperature, VIN = 5.0 V, RLOAD = 33 Ω
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
VIN INPUT LIMIT 100mA
VIN INPUT LIMIT 500mA
Figure 15. Input Current Limit vs. Ambient Temperature, VIN = 5.0 V
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
–1.0
1.0
0.5
0
–0.5
VTRM = 3.50V
VTRM = 3.80V
VTRM = 4.20V
VTRM = 4.42V
Figure 16. Termination Voltage vs. Ambient Temperature, VIN = 5.0 V, VTRM
Programming 3.50 V, 3.80 V, 4.20 V, and 4.42 V
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
Figure 17. Switching Frequency vs. Ambient Temperature, VIN = 5.0 V
AMBIENT TEMPERATURE (°C)
–40
–20
0
20
40
60
80
100
120
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.09
1.10
Figure 18. Fast Charge Current vs. Ambient Temperature,
VIN = 5.0 V, VISO_B = 3.6 V, ICHG = 1050 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com