Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 17Page - Analog Devices ADP5065 Datasheet HTML 18Page - Analog Devices ADP5065 Datasheet HTML 19Page - Analog Devices ADP5065 Datasheet HTML 20Page - Analog Devices ADP5065 Datasheet HTML 21Page - Analog Devices ADP5065 Datasheet HTML 22Page - Analog Devices ADP5065 Datasheet HTML 23Page - Analog Devices ADP5065 Datasheet HTML 24Page - Analog Devices ADP5065 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 21 of 40
BATTERY PACK TEMPERATURE SENSING
Battery Thermistor Input
The ADP5065 charger features battery pack temperature
sensing that precludes charging when the battery pack
temperature is outside the specified range. The THR pin
provides an on and off switching current source, which should
be connected directly to the battery pack thermistor terminal.
The activation interval of the THR current source is 167 ms.
The battery pack temperature sensing can be controlled by
I2C using the conditions shown in Table 10. Note that the
I2C register default setting for EN_THR (Register 0x07) is
0 = temperature sensing off.
Table 10. THR Input Function
Conditions
THR Function
VINx
VISO_B
Open or VIN = 0 V to 4.0 V
<2.5 V
Off
Open or VIN = 0 V to 4.0 V
>2.5 V
Off, controlled by I2C
4.0 V to 5.5 V
Don't care
Always on
If the battery pack thermistor is not connected directly to the
ADP5065 THR pin, a 10 kΩ (tolerance ±20%) dummy resistor
must be connected between the THR input and GND. Leaving
the THR pin open results in a false detection of the battery
temperature being <0°C and charging is disabled.
The ADP5065 charger monitors the voltage in the THR pin and
suspends charging if the current is outside the range of less than
0°C or greater than 60°C. For temperatures greater than 0°C,
the THR_STATUS register is set accordingly, and for temperatures
lower than 60°C, the THR_STATUS register is, likewise, set
accordingly.
The ADP5065 charger is designed for use with an NTC
thermistor in the battery pack with a nominal room tempera-
ture value of either 10 kΩ at 25°C or 100 kΩ at 25°C, which is
selected by a fuse.
The ADP5065 charger is designed for use with an NTC
thermistor in the battery pack with a temperature coefficient
curve (beta). Fuse-selectable beta programming is supported by
eight steps covering a range from 3150 to 4400 (see Table 34).
JEITA Li-Ion Battery Temperature Charging Specification
The ADP5065 is compliant with the JEITA Li-Ion battery
charging temperature specifications as outlined in Table 11.
The JEITA function can be enabled via the I2C interface. When
the ADP5065 detects a JEITA cool condition, charging current
is reduced according to Table 12.
When the ADP5065 identifies a hot or cold battery condition,
the ADP5065 takes the following actions:
•
Stops charging the battery.
•
Connects/enables the battery isolation FET such that the
system power supply node is connected to the battery.
Table 11. JEITA Li-Ion Battery Charging Specification Defaults
Parameter
Symbol
Conditions
Min
Max
Unit
JEITA Cold Temperature Limits
IJEITA_COLD
No battery charging occurs.
0
°C
JEITA Cool Temperature Limits
IJEITA_COOL
Battery charging occurs at approximately 50% of programmed level.
See Table 12 for specific charging current reduction levels.
0
10
°C
JEITA Typical Temperature Limits
IJEITA_TYP
Normal battery charging occurs at default/programmed levels.
10
45
°C
JEITA Warm Temperature Limits
IJEITA_WARM
Battery termination voltage (VTRM) is reduced by 100 mV from
programmed value.
45
60
°C
JEITA Hot Temperature Limits
IJEITA_HOT
No battery charging occurs.
60
°C
Table 12. JEITA Reduced Charge Current Levels
JEITA Cool Temperature Limit—Reduced Charge Current Levels
ICHG[2:0] (Default)
ICHG JEITA (mA)
000 = 550 mA
250
001 = 650 mA
300
010 = 750 mA
350
011 = 850 mA
400
100 = 950 mA
450
101 = 1050 mA
500
110 = 1150 mA
550
111 = 1250 mA
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com