Electronic Components Datasheet Search
  English  ▼

X  

ADP5065 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5065
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5065 Datasheet HTML 24Page - Analog Devices ADP5065 Datasheet HTML 25Page - Analog Devices ADP5065 Datasheet HTML 26Page - Analog Devices ADP5065 Datasheet HTML 27Page - Analog Devices ADP5065 Datasheet HTML 28Page - Analog Devices ADP5065 Datasheet HTML 29Page - Analog Devices ADP5065 Datasheet HTML 30Page - Analog Devices ADP5065 Datasheet HTML 31Page - Analog Devices ADP5065 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
ADP5065
Data Sheet
Rev. D | Page 28 of 40
Bit No.
Mnemonic
Access
Default
Description
[1:0]
IEND[1:0]
R/W
01 = 52.5 mA
Termination current programming bus. The values of the termination
current can be programmed as per the following values:
00 = 32.5 mA.
01 = 52.5 mA.
10 = 72.5 mA.
11 = 92.5 mA.
Table 19. Charging Current, Register Address 0x04 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
C/20 EOC
R/W
The C/20 bit has priority over the other settings (C/10 EOC and IEND).
When this bit is set to high, C/20 programming is used. 27.5 mA
minimum value.
6
C/10 EOC
R/W
The C/10 bit has priority over the other setting (END) but not C/20
EOC.
When this bit is set to high, C/10 programming is used unless C/20
EOC is set to high. 27.5 mA minimum value.
5
Tied high in metal
R
1
[4:2]
ICHG[2:0]
R/W
111 = 1250 mA
Fast charge current programming bus. The values of the constant
current charge can be programmed as per the following values:
000 = 550 mA.
001 = 650 mA.
010 = 750 mA.
011 = 850 mA.
100 = 950 mA.
101 = 1050 mA.
110 = 1150 mA.
111 = 1250 mA.
[1:0]
ITRK_DEAD[1:0]
R/W
10 = 20 mA
Trickle and weak charge current programming bus. The values of the
trickle and weak charge currents can be programmed as per the
following values:
00 = 5 mA.
01 = 10 mA.
10 = 20 mA.
11 = 20 mA.
Table 20. Voltage Threshold, Register Address 0x05 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
[6:5]
VRCH[1:0]
R/W
11 = 260 mV
Recharge voltage programming bus. The values of the recharge
threshold can be programmed as per the following values:
00 = 80 mV.
01 = 140 mV.
10 = 200 mV.
11 = 260 mV.
[4:3]
VTRK_DEAD[1:0]
R/W
01 = 2.5 V
Trickle to fast charge dead battery voltage programming bus. The
values of the trickle to fast charge threshold can be programmed as
per following values:
00 = 2.4 V.
01 = 2.5 V.
10 = 2.6 V.
11 = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com