Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 4Page - Micrel Semiconductor MIC9130 Datasheet HTML 5Page - Micrel Semiconductor MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor MIC9130 Datasheet HTML 10Page - Micrel Semiconductor MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
8
April 2005
Functional Block Diagram
RBIAS
1.21V
OUT
R
S1
S2
Q
SR Latch
2
Oscillator
SYNC
OSC
1.2V
PWM
COMP
R1
R2
S
Q
Peak
Current Limit
Max.
Duty Cycle
4µA
5V
FB
VCC
PGND
5V
ISNS
SS
VBIAS
EN
VCC
UNDERVOLTAGE LOCKOUT
Thermal
Shutdown
UVLO
AGND
BIAS
REG
0.82V
MAXIMUM DUTY CYCLE
VCC
UVLO
LINE
UVLO
LINE
Error
Amplifier
1-Shot
5V
CPWR
Current
Limit
Selection
40µA
14
7
6
4
5
16
15
11
13
9
12
8
2
1
10
3
Figure 1
1000
10000
100000
1000000
10000
100000
1000000 10000000
FREQUENCY (Hz)
Oscillator Frequency vs.
RC Values
47pF
100pF
220pF
470pF
680pF
1000pF
2200pF
*See applications section for higher
switching frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com