Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor MIC9130 Datasheet HTML 15Page - Micrel Semiconductor MIC9130 Datasheet HTML 16Page - Micrel Semiconductor MIC9130 Datasheet HTML 17Page - Micrel Semiconductor MIC9130 Datasheet HTML 18Page - Micrel Semiconductor MIC9130 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
April 2005
17
M9999-040805
MIC9130
Micrel, Inc.
Error Amplifier
The error amplifier is part of the voltage control loop of the
power supply. The FB pin is the inverting input to the error
amplifier. The non-inverting input is internally connected to
a 2.5V reference. The output of the error amplifier, COMP,
is connected to the PWM comparator. The error amplifier
provides the reference to limit and control the peak current
of the power supply. There is a 1.2V level shift between the
output of the error amplifier and the PWM comparator. This
allows the output of the error amplifier to operate in a linear
region and prevents loading on the COMPpin from interfering
with proper control of the current signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com