Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor MIC9130 Datasheet HTML 10Page - Micrel Semiconductor MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
10
April 2005
Start-up circuit operation is illustrated in Figure 2. VIN is ap-
plied and the depletion FET, which is normally enabled allows
current from VIN to charge the VCC bias capacitor. Once the
VCC voltage reaches the VCC enable threshold, VGLO(ON) ,
the gate drive is enabled and the MIC9130 starts switching.
VCC continues to increase until the Pre-Regulator turn-off
threshold, (VPR(OFF)), is reached and the depletion FET is
turned off. The VCC voltage decreases as energy from the
bias capacitor is used to supply the controller. The deple-
tion FET is turned back on when the pre-regulator turn-on
threshold is reached. A bias winding derived supply voltage,
set higher than the FET turn-off threshold, VPR(OFF), raises
the VCC voltage over the threshold and prevents the FET
from turning on.
In certain designs the MIC9130 may be powered directly from
the Line voltage, eliminating the need for an extra transformer
bias winding. When operating in this fashion the designer
must insure the power dissipation in the IC does not cause
the die temperature to exceed the 125°C maximum. Power
dissipation is calculated by:
P
V
V
I
DISS
IN
CC
VCC
=
−
(
)×
Where :
VIN is the line input voltage
VCC is the average VCC voltage (typically 8.5V)
IVCC is the total current drawn by the IC
IVCC is the sum of the operating current of the MIC9130 at
a given frequency and the average current required to drive
the external switching MOSFET. A plot of typical operating
current vs. frequency is given in Figure 3. The average MOS-
FET gate drive current is calculated in the “MOSFET GATE
DRIVE” section of this specification.
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800 1000
GATE DRIVE FREQUENCY (kHz)
Quiescent Current
vs. Frequency
Ct = 120pF
Ct = 470pF
Figure 3
The die junction temperature is calculated by
T T P
J
A
DISS
JA
=
+
× θ
Where: TJ is the die junction temperature
TA is the ambient temperature of the circuit
θJA is the junction to ambient thermal resistance
of the MIC9130 (listed in the operating ratings
section of the specification.
When powered directly from the Line voltage, the VCC volt-
age will vary between the upper and lower pre-regulator
thresholds. The amplitude of the output gate drive voltage
will vary with the VCC voltage. This should not be a problem
for most topologies since the variation is small (equal to the
ΔVPR hysteresis). The bias regulator in the MIC9130 buffers
the internal circuits from VCC variations.
The pre-regulator FET is protected by a thermal shutdown
circuit, which turns the MOSFEToff if its temperature exceeds
approximately 150 degrees C.
When operating at input voltages greater than 150V, a fast
input voltage risetime during turn-on (which may occur during
a hot plug operation) may cause a high peak current to flow
through the depletion FET, damaging the MIC9130. A 1.8kΩ
resistor in series between the input voltage and the line pin
(pin 1) is recommended when operating at input voltages
greater than 150V. This resistor limits the maximum peak
current to 100mA (at 180VIN) and protects the part.
The depletion mode MOSFET contains an internal parasitic
diode. The VIN pin voltage must be greater than the VCC
voltage or the VCC voltage will be clamped to a diode drop
greater than the VIN voltage. Excessive power dissipation in
the parasitic diode will destroy the IC.
VCC and Bias Supplies
The power for the controller and gate drive circuitry is sup-
plied through the VCC pin. The gate drive current is returned
to ground through the power ground pin (PGND). The rest of
the supply current is returned to ground through the analog
ground pin (AGND). The two ground pins must be connected
together through the PCB ground plane.
High frequency decoupling is provided at the VCC pin to sup-
ply the gate drive’s peak current requirements. Turn-on of the
external MOSFET causes a voltage glitch on the VCC pin. If
the glitch is excessive, this disruption can appear as noise or
jitter in the oscillator circuit or the gate drive waveform. The
decoupling capacitor must be able to supply the MOSFET
gate with the charge required to turn it on. A 0.1µF ceramic
capacitor is usually sufficient for most MOSFETs. Larger
FETs, with a higher gate charge requirement may require a
0.22µF ceramic capacitor or a ceramic capacitor paralleled
with a 2.2µF tantalum or 4.7uF aluminum electrolytic. It is
recommend that if VLINE is greater than 150V DC than the
maximum capacitor recommended on VCC is 2.2µF.The ca-
pacitor must be located next to the VCC pin of the MIC9130.
The ground end of the capacitor should be connected to the
ground plane, making a low impedance connection to the
power ground pin (pin 15).
The internal bias regulator block provides several internal and
external bias voltages. Referring to Figure 1, a 2.5V refer-
ence is used for the internal error amplifier, a 0.82V bias is
used by the current limit comparator and a 1.21V reference
is used by the Line UVLO circuit. An external 5V bias volt-
age (VBIAS) powers the oscillator circuit and may be used
as a reference voltage for other external components. The
VBIAS pin requires a minimum 0.1µf capacitor to ground for
decoupling.
Enable and Undervoltage Monitoring circuits
The two undervoltage lockout circuits in the MIC9130 are
shown in Figure 4. One monitors the VCC voltage and the
other monitors the input line voltage. These signals are OR’d
together and either one can disable the gate drive pin and
discharge the voltage on the soft start capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com