Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor MIC9130 Datasheet HTML 15Page - Micrel Semiconductor MIC9130 Datasheet HTML 16Page - Micrel Semiconductor MIC9130 Datasheet HTML 17Page - Micrel Semiconductor MIC9130 Datasheet HTML 18Page - Micrel Semiconductor MIC9130 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
18
April 2005
Package Information
16-Lead SOIC (M)
0.344 (8.74)
0.337 (8.56)
0.0575 REF
0.012 (0.305)
0.008 (0.203)
0.025 BSC
(0.635)
7¡ BSC
8¡
0¡
0.244 (6.20)
0.229 (5.82)
0.009 (0.229)
0.007 (0.178)
0.068 (1.73)
0.053 (1.35)
0.010 (0.254)
0.004 (0.102)
0.050 (1.27)
0.016 (0.40)
0.157 (3.99)
0.150 (3.81)
Note:
1. All Dimensions are in Inches (mm) excluding mold flash.
2. Lead coplanarity should be 0.004" max.
3. Max misalignment between top and bottom.
4. The lead width, B to be determined at 0.0075" from lead tip.
Rev. 04
16-Lead QSOP (QS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com