Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor MIC9130 Datasheet HTML 15Page - Micrel Semiconductor MIC9130 Datasheet HTML 16Page - Micrel Semiconductor MIC9130 Datasheet HTML 17Page - Micrel Semiconductor MIC9130 Datasheet HTML 18Page - Micrel Semiconductor MIC9130 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
16
April 2005
A 16.2 ohm, 1%, non inductive resistor with at least a 50mW
rating should be selected. A good choice would be an 0805
size metal film or a 1/8 watt leaded metal film resistor. A
series resistor between the current sense transformer and
the Isns input is not necessary unless it is used for low pass
filtering.
If the current sense transformer were not used, the sense
resistor would dissipate 1.7 watts.
R
V
I
SENSE
SENSE
SENSE
=
=
=
Ω
0 82
5
0 164
.
.
P
I
R
W
DISS
RMS
SENSE
=
×
=
×
=
2
2
3 25
0 164 1 7
.
.
.
Slope Compensation
Power supplies using peak current mode control techniques
require slope compensation when they are operating in
continuous mode and have a duty cycle greater than 50%.
Without slope compensation, the duty cycle of the power sup-
ply will alternate wide and narrow pulses commonly referred
to as subharmonic oscillations. Even though the MIC9130
operates below a 50% duty cycle, slope compensation adds
the benefits of improved transient response and greater
noise immunity in the current sense loop (especially when
the current ramp is shallow). Slope compensation can be
implemented by adding an optimum 1/2 of the inductor cur-
rent downslope, reflected back to the current sense input. In
real world applications, 2/3 of the inductor current downslope
is used to allow for component tolerances.
Slope compensation at the ISNS input may be implemented
by using a resistor and capacitor as shown in Figure 12. The
rectangular waveshape of the gate drive output is integrated
by the resistor/capacitor filter, which results in a ramp used
for the slope compensation signal. When the gate drive and
the current signal at the sense resistor goes low, the capaci-
tor is discharged to 0V.
Gate Drive
(pin 16)
ISNS
(pin 14)
MIC9130
R2
R1
C1
RSENSE
Figure 12
The procedure outlined below demonstrates how to calculate
the component values.
Compute the inductor current downslope as seen at the cur-
rent sense input.
For a flyback, buck or forward mode topology the
inductor downslope is equal to:
M
di
dt
V
V
L
O
D
2 =
=
+
where :
VO is the output voltage
VD is the forward voltage drop of the rectifier diode
L is the inductance of the output inductor (or the
secondary winding inductance for the flyback
topology)
M2 is the inductor current downslope
For a boost topology, the inductor downslope is:
M
di
dt
V
V
V
L
OUT
IN
D
2 =
=
−
+
In a transformer isolated topology, the downslope must be
reflected back to the primary by the turns ratio of the trans-
former. The reflected downslope is:
M
M
Ns
Np
REFLECTED
2
2
=
×
where : Ns/Np is the turns ratio of the secondary winding
to the primary winding.
M2REFLECTED is the inductor curent downslope
reflected to the secondary side of the current
sense transformer.
The reflected downslope is multiplied by the current sense
resistor to obtain the downslope at the current sense input
pin (ISNS).
I
M
R
SNS SLOPE
REFLECTED
S
_
=
×
2
where Rs is the value of the current sense resistor.
The required downslope of the compensation ramp at the
ISNS input is:
M
ISNS SLOPE
3
0 67
=
×
_
.
R1 is know if a value for the resistor between the current
sense resistor and the Isns pin, has already been selected.
If not chose a value of 1k, which will minimize any offset
and signal degradation at the ISNS pin. Select a value of
C1 to minimize signal degradation from the cutoff frequency
of R1/C1. The bandwidth should be at least six times the
switching frequency.
C
f
R
S
1
1
2
1
=
× × ×
ππ
where: fS is the switching frequency of the power
supply (not the oscillator frequency)
The slope of the generated compensation ramp is:
M
V
R1
R2 R1
1
R2 C1
GATE_DRIVE
3 =
×
+
×
×
Solving for R2 and assuming R2 is much greater than R1.
R
V
R
M
C
GATE DRIVE
2
1
3
1
=
×
×
_
where: VGATE_DRIVE is the amplitude of the gate
drive waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com