Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor MIC9130 Datasheet HTML 15Page - Micrel Semiconductor MIC9130 Datasheet HTML 16Page - Micrel Semiconductor MIC9130 Datasheet HTML 17Page - Micrel Semiconductor MIC9130 Datasheet HTML 18Page - Micrel Semiconductor MIC9130 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
April 2005
15
M9999-040805
MIC9130
Micrel, Inc.
series resistance is 10K, for a 500kHz switcher, the maximum
series resistance is 2K.
Sensing Current with a Resistor
The fast transition times of the current signal prohibit the use
of inductive resistors. Standard wire wound power resistors
will not work. Carbon composition or metal film resistors or
lowinductancepowerresistorsmaybeused. Theovercurrent
range of the power supply and component tolerances must be
considered when selecting the current sense resistor value.
The power supply specification may call for an overcurrent
limit, which must be accounted for when selecting the cur-
rent sense resistor value. The relationship between the peak
primary current and the current sense resistor is:
V
I R
I
R
ISNS
P
ISENSE
ISNS
f
= ×
+
×
where: Ip is the current in the sense resistor
RISENSE is the current sense resistance
IISNS is the current sourced from the ISNS pin
(40µA)
Rf is the series resistor between the ISNS pin and
the current sense resistor.
The current sense resistor must not be too small or the cur-
rent sense signal will be susceptible to noise. If noise is a
problem, the current signal level should be increased.
An example is illustrated below.
The maximum peak current, IPMAX= 1A at 120% overcurrent
and minimum input voltage
The maximum rms current, IRMS=0.65A
The desired current sense signal amplitude is 500mV at 1A
output current.
The current sense resistor value and power dissipation is:
R
V
I
0.5
1
0.5
SENSE
SENSE
SENSE
=
=
=
Ω
P
I
R
W
DISS
RMS
SENSE
=
×
=
×
=
2
2
0 65
0 5 0 21
.
.
.
A 0.5Ω, non inductive resistor with at least a 1/2W rating
should be selected.
The series resistor is calculated to allow the 500mV-peak
signal to reach 0.82V.
R
V
I R
I
A
k
f
ISNS
P
ISENSE
ISNS
−
×
(
)
=
− ×
(
)
µ
=
Ω
0 82 1 0 5
40
10 25
.
.
.
The next lower value of 10kΩ is selected.
The bandwidth of the 10K resistor and the 25pF input capaci-
tance is calculated. The resistor value must be lowered if the
bandwidth is too low for the switching frequency.
BW
k
pF
kHz
=
× ×
×
=
1
2
10
25
630
ππ
The maximum switching frequency of this power supply
should be approximately six times less than the BW to pre-
vent current waveform distortion and excessive delays in
the current loop. This limits the switching frequency to the
range of 100kHz.
Sensing Current with a Current Sense Transformer
Athigherpowerlevels,thepowerdissipationinacurrentsense
resistor is excessive. A current sense transformer can be
used to sense the current while minimizing power dissipation.
See Figure 11. The schematic shows the circuitry necessary
when using a current sense transformer. The resistor, R1,
provides a path to reset the current sense transformer. The
resistor, R2, converts the scaled down current to a voltage,
which is sent to the ISNS pin.
OUT
(pin 16)
ISNS
(pin 14)
MIC9130
R2
R1
Rf
IPRI
VIN
Current Sense
Transformer
Figure 11
The voltage at the ISNS pin is calculated by:
V
I
N
R
I
R
ISNS
P
ISNS
f
=
×
+
×
2
where: IP is the current in the primary of the current sense
transformer
R2 is the current sense resistance at the
secondary of the current sense transformer
N is the turns ratio of the current sense
transformer (N=Nsec/Npri)
IISNS is the current sourced from the ISNS pin
(40µA)
Rf is the series resistor between the ISNS pin and
the current sense resistor.
Current Transformer example:
The maximum peak current, IPMAX= 5A at 120% overcur-
rent and minimum input voltage
The maximum rms current, IRMS = 3.25A
The full 0.82V peak signal a the ISNS input can be used
since very little power is dissipation in the secondary
side sense resistor. The maximum peak to peak volt-
age at the sense pin (pin 14) is 0.82V at the 5A maximum
output current.
The current sense resistor value and power dissipation
is:
R
V
N
I
SENSE
P
2
0 82 100
5
16 4
=
× =
×
=
Ω
.
.
P
I
N
R
mW
DISS
PRMS
= 

 ×
= 
 ×
=
2
2
2
3 25
100
16 4 17 4
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com