Electronic Components Datasheet Search
  English  ▼

X  

MIC9130 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC9130 Datasheet HTML 10Page - Micrel Semiconductor MIC9130 Datasheet HTML 11Page - Micrel Semiconductor MIC9130 Datasheet HTML 12Page - Micrel Semiconductor MIC9130 Datasheet HTML 13Page - Micrel Semiconductor MIC9130 Datasheet HTML 14Page - Micrel Semiconductor MIC9130 Datasheet HTML 15Page - Micrel Semiconductor MIC9130 Datasheet HTML 16Page - Micrel Semiconductor MIC9130 Datasheet HTML 17Page - Micrel Semiconductor MIC9130 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
14
April 2005
Gate Drive
Output
GND
T1
1:N
R1
R2
D2
D1
C1
Figure 10
The gate impedance of a MOSFET is capacitive and the
power required to drive the gate is proportional to the charge
required to turn on the MOSFET, the peak gate voltage and
the switching frequency. Assuming the total gate charge for
turn on and turn off is equal, the power used to switch the
MOSFET on and off is:
P
Q
V
f
DRIVE
G
GS
S
=
×
×
where: QG is the total gate charge at VGS
VGS is the gate to source voltage of the MOSFET
usually equal to VCC
fS is the output switching frequency
The power required to drive the MOSFET is dissipated in the
drive circuitry of the MIC9130. This power must not cause
the die temperature to exceed the maximum rated junction
temperature of 125 degrees C.
MOSFET Driver IC’s are used when the drive requirement for
the MOSFETs is greater than the capability of the MIC9130
gate drive output. While the peak current of the MIC9130
gate drive is typically 1.2A at VIN =12V, a gate driver ICs
will sink or source between 1.2A and 12A of peak current.
The higher peak current allows faster rise and fall times for
larger MOSFETs.
The drive requirements for selecting a MOSFET driver are
determined using the following equation:
I
Q
t
PK
G
= ×
2
where: QG is the total gate charge required to turn on
the MOSFET at a specified ID, VG and VDS. This
information is usually given in the MOSFET
specification sheet.
t is the gate voltage transition time (risetime or fall
time)
IPK is the peak current requirement of the
MOSFET driver IC.
For example, if a MOSFET is chosen with a QG of 60nC and
it is desired to have a 50nS gate to source risetime/falltime,
the peak current requirement of the MOSFET driver is:
I
nC
ns
A
PK=
×
=
2 60
50
2 4
.
A driver such as the MIC4424 will meet this requirement.
For more information on choosing a MOSFET driver, see
the Micrel application note AN-24, “Designing with Low Side
MOSFET Drivers.”
Current Sense Circuit
The current sense input of the MIC9130 has three unique
features, which are advantageous in a high speed, high ef-
ficiency power supply.
1. The overcurrent threshold is nominally 0.82V instead
of the typical 1.0V found in most switching control
ICs.
2. The current sense pin sources a nominal 40µA of
current out of the pin. This is used to raise the current
limit threshold of the pin, which allows a smaller
current sense resistor to be used. This improves the
efficiency of the power supply, especially in lower
current applications.
3. The delay from the current sense input to the output
is typically 50ns.
The current limit threshold of the ISNS pin was set at 0.82V,
allowing the use of a smaller current sense resistor. A stable,
bandgap derived 40µA current is sourced from the ISNS pin.
A voltage drop across a series resistor placed between the
pin and the current sense resistor level increases the current
sense signal at the ISNS pin. This allows the use of a smaller
current sense resistor if the full 0.82V peak to peak current
signal is not required. Decreasing the value of the current
sense resistor decreases the power dissipation in the resistor,
which improves the efficiency of the power supply.
The delay between the input of the overcurrent comparator
and the output gate drive is nominally 50ns. This very fast
response time allows the MIC9130 to operate at higher fre-
quencies and still have adequate overcurrent protection.
The operation of the current sense input is as follows. The
sensed current in the power supply is converted to a volt-
age by a resistor or current sense transformer. Referring to
Figure 1, this voltage is compared to the output of the error
amplifier, which sets the duty cycle of the gate drive output.
The current signal is also connected to an Imax comparator.
Comparing the current sense signal to the reference voltage
sets a maximum current limit. If the maximum amplitude of the
current sense signal exceeds the reference, the comparator
terminates the gate drive output pulse. It aslo discharges the
soft start capacitor when the CPWR pin is high.
Leading Edge Current Spike
The current signal in a power circuit will often have a leading
edge spike caused by leakage inductance, parasitic induc-
tance and capacitance, diode reverse recovery effects and
snubbers. These spikes can cause premature termination of
the switching cycle if they are not eliminated.
A resistor may be added in series between the current sense
resistor and the Isns input. The input and board trace ca-
pacitance of the ISNS pin (pin 14) is approximately 25pF. A
1k resistor is a good choice, since it attenuates most of the
ripple without distorting the current sense waveform. It has
a minimal effect on level, offsetting the current sense signal
by only 40mV.
A typical rule of thumb is the bandwidth of the RC filter
should be at least 6 times the switching frequency. This
avoids distorting the current sense waveform and adding
excessive delays in the current loop that will interfering with
overcurrent protection. For a 100kHz switcher, the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com