Electronic Components Datasheet Search
  English  ▼

X  

MSM7664 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7664
Description  NTSC/PAL Digital Video Decoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7664 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7664 Datasheet HTML 1Page - OKI electronic componets MSM7664 Datasheet HTML 2Page - OKI electronic componets MSM7664 Datasheet HTML 3Page - OKI electronic componets MSM7664 Datasheet HTML 4Page - OKI electronic componets MSM7664 Datasheet HTML 5Page - OKI electronic componets MSM7664 Datasheet HTML 6Page - OKI electronic componets MSM7664 Datasheet HTML 7Page - OKI electronic componets MSM7664 Datasheet HTML 8Page - OKI electronic componets MSM7664 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
¡ Semiconductor
MSM7664
2/76
PEDL7664-01
FEATURES (• new feature not found on MSM7662)
° Input analog signal
NTSC/PAL composite video signal or S-video signal
° Maximum 5 composite or 2 S-video + 2 composite analog inputs can be connected (switchable
by external pins or internal registers)
° Built-in clamp circuits and video amps
° Built-in 8-bit A/D converters (2 channels)
° 4 selectable output interfaces
ITU-RBT.656 (conditional)
8-bit (YCbCr)
: 8-bit (YCbCr) YCbCr = 4 : 2 : 2/YCbCr = 4 : 1 : 1 (limit)
16-bit (YCbCr)
: 8-bit (Y) + 8-bit (CbCr) YCbCr = 4 : 2 : 2/YCbCr = 4 : 1 : 1 (limit)
24-bit RGB
: 8-bit (R) + 8-bit (G) + 8-bit (B)
• High speed of burst locking has been realized.
• 2-dimensional Y/C separation using adaptive comb filter (this filter is bypassed for S-video
signal input)
NTSC format: 3 lines or 2 lines, PAL format: 2 lines (adaptive transition method)
• Built-in vertical chrominance filter (straight output without using the filter is possible)
° Selectable data I/O signal synchronization
4 synchronization modes: internal FIFO modes (FIFO-1, FIFO-2) and external field memory
modes (FM-1, FM-2) are selectable (FIFO-1 is normally selected).
° Compatible pixel frequencies (normal/twice the pixel frequency)
13.5 MHz (13.5/27 MHz)
: NTSC/PAL ITU-RBT.601
12.272727 MHz (12.272727/24.545454 MHz) : NTSC Square pixel
14.31818 MHz (14.31818/28.63636 MHz)
: NTSC 4fsc
14.75 MHz (14.75/29.5 MHz)
: PAL Square Pixel
• Recognition of data in the VBI period (closed caption, CGMS, WSS, macrovision AGC and
pseudo pulse) and function of reading from I2C-bus (only for ITU-RBT.601 mode).
° Built-in AGC/ACC circuits, compatible with a wide range of input levels
Input level range: –8 dB to +3.5 dB (0.4 V to 1.5 V)
Switchable between AGC/MGC (fixed gain) and ACC/MCC (fixed gain)
° Decimation filter built into input stage, allows easy configuration of filter prior to A/D
converter (when input at twice the pixel frequency)
° Automatic NTSC/PAL recognition (only for ITU-RBT.601)
° Sleep mode
• Hi-Z mode for output pins
° Multiplex signal recognition (closed caption)
During vertical blanking interval, data is output as 8-bit data.
° I2C-bus interface
° 3.3 V single power supply (I/O 5 V tolerance)
° Package:
100-pin plastic TQFP (TQFP100-P-1414-0.50-K) (Product name: MSM7664TB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com