Electronic Components Datasheet Search
  English  ▼

X  

MSM7664 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7664
Description  NTSC/PAL Digital Video Decoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7664 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7664 Datasheet HTML 1Page - OKI electronic componets MSM7664 Datasheet HTML 2Page - OKI electronic componets MSM7664 Datasheet HTML 3Page - OKI electronic componets MSM7664 Datasheet HTML 4Page - OKI electronic componets MSM7664 Datasheet HTML 5Page - OKI electronic componets MSM7664 Datasheet HTML 6Page - OKI electronic componets MSM7664 Datasheet HTML 7Page - OKI electronic componets MSM7664 Datasheet HTML 8Page - OKI electronic componets MSM7664 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
¡ Semiconductor
MSM7664
5/76
PEDL7664-01
PIN DESCRIPTIONS
Pin
Symbol
Type
Description
1
DAVDD
—
Digital power supply in A/D converter
2
VRT2
O
A/D converter reference voltage (high side) for S-video chroma signal
3
VIN6
I
S-video 2 chroma signal (C-2) input pin
(leave open or connect to AGND when not used)
4
VIN5
I
Composite-5 or S-video 1 chroma signal (C-1) input pin
(leave open or connect to AGND when not used)
5AVDD
—
Analog power supply
6
AGND
—
Analog ground
7
ADIN2
I
A/D converter input pin for S-video chroma signal
8
AMPOUT2
O
S-video chroma signal amp output
9
CLPOUT2
O
S-video chroma signal clamp voltage output
10
VRB2
O
A/D converter reference voltage (low side) for S-video chroma signal
11
AGND
—
Analog ground
12
AGND
—
Analog ground
13
VRB1
I
A/D converter reference voltage (low side) for composite/S-video
(luminance signal)
14
CLPOUT1
O
Composite/S-video (luminance signal) clamp voltage output
15
AMPOUT1
O
Composite/S-video (luminance signal) amp output
16
ADIN1
I
A/D converter input pin for composite/S-video (luminance signal)
17
VRCL1
I
S-video (luminance signal) clamp voltage input
18
AGND
—
Analog ground
19
AVDD
—
Analog power supply
20
VIN4
I
Composite-4 input (leave open or connect to AGND when not used)
21
VIN3
I
Composite-3 input (leave open or connect to AGND when not used)
22
VIN2
I
Composite-2 S-video 2 luminance signal (Y-2) input
(leave open or connect to AGND when not used)
23
VIN1
I
Composite-1 S-video 1 luminance signal (Y-1) input
(leave open or connect to AGND when not used)
24
VRT1
O
A/D converter reference voltage (high side) for composite/S-video
(luminance signal)
25
DAVDD
—
Digital power supply in A/D converter
26
DAGND
—
Digital ground in A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com