Electronic Components Datasheet Search
  English  ▼

X  

MSM7664 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7664
Description  NTSC/PAL Digital Video Decoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7664 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7664 Datasheet HTML 9Page - OKI electronic componets MSM7664 Datasheet HTML 10Page - OKI electronic componets MSM7664 Datasheet HTML 11Page - OKI electronic componets MSM7664 Datasheet HTML 12Page - OKI electronic componets MSM7664 Datasheet HTML 13Page - OKI electronic componets MSM7664 Datasheet HTML 14Page - OKI electronic componets MSM7664 Datasheet HTML 15Page - OKI electronic componets MSM7664 Datasheet HTML 16Page - OKI electronic componets MSM7664 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
¡ Semiconductor
MSM7664
13/76
PEDL7664-01
AC Characteristics (Single Speed Mode)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CLKX2 Cycle Frequency
1/tCLKX2
ITU-RS601
—
13.5
—
MHz
NTSC 4fsc
—
14.31818
—
MHz
NTSC Square Pixel
—
12.272727
—
MHz
PAL Square Pixel
—
14.75
—
MHz
Output Data Delay Time 1 (*)
tOD11
CLKSEL : H
8
—
26
ns
Output Data Delay Time 2 (*)
tOD12
CLKSEL : H
7
—
22
ns
tCXD11
CLKSEL : H
6
—
20
ns
Output Clock Delay Time (*)
(CLKX2-CLKX2O)
tCXD12
CLKSEL : H
5
—
17
ns
(*) Output load: 40 pF
The clock frequency accuracy is within ±100 ppm.
SCL Clock Cycle Time
tC_SCL
Rpull_up = 4.7 kW
200
—
—
ns
SCL Low Level Cycle
tL_SCL
Rpull_up = 4.7 kW
100
—
—
ns
Output Clock Delay Time (*)
(CLKX2-CLKXO)
(Ta = 0 to +70°C, VDD (DVDD, ADVDD, AVDD) = 3.0 to 3.45 V, GND = 0 V)
CLKX2 Duty
tD_D1
CLKSEL : H
40
60
%
Output Data Delay Time 3 (*)
tOD13
CLKSEL : H
8
—
30
ns
Output Data Delay Time 1X1 (*)
tODX11
CLKSEL : H
2
—
8
ns
Output Data Delay Time 1X2 (*)
tODX12
CLKSEL : H
1
—
5
ns
Output Data Delay Time 1X3 (*)
tODX13
CLKSEL : H
2
—
12
ns
Output Data Delay Time 2X1 (*)
tOD2X11
CLKSEL : H
3
—
11
ns
Output Data Delay Time 2X2 (*)
tOD2X12
CLKSEL : H
2
—
8
ns
Output Data Delay Time 2X3 (*)
tOD2X13
CLKSEL : H
3
—
15
ns
RESET_L Width
tRST_W
200
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com