Electronic Components Datasheet Search
  English  ▼

X  

MSM7664 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM7664
Description  NTSC/PAL Digital Video Decoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7664 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM7664 Datasheet HTML 35Page - OKI electronic componets MSM7664 Datasheet HTML 36Page - OKI electronic componets MSM7664 Datasheet HTML 37Page - OKI electronic componets MSM7664 Datasheet HTML 38Page - OKI electronic componets MSM7664 Datasheet HTML 39Page - OKI electronic componets MSM7664 Datasheet HTML 40Page - OKI electronic componets MSM7664 Datasheet HTML 41Page - OKI electronic componets MSM7664 Datasheet HTML 42Page - OKI electronic componets MSM7664 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
¡ Semiconductor
MSM7664
39/76
PEDL7664-01
INTERNAL REGISTERS
Register List
D7
MRA7
MRB7
HSYT7
D6
D5
D4
Data byte
D3
D2
D1
D0
Sub-
address
Register Function
Mode Register A (MRA)
Mode Register B (MRB)
Horizontal Sync Trimmer (HSYT)
STHR7
Sync Threshold Level Adjust (STHR)
HSDL7
Horizontal Sync Delay (HSDL)
HVALID7
Horizontal Valid Trimmer (HVALT)
VVALID7
Vertical Valid Trimmer (VVALT)
LUMC7
Luminance Control (LUMC)
AGCLF7
AGC/Pedestal Loop Filter Control (AGCLF)
SSEPL7
Sync Separation Level (SSEPL)
CHRC7
Chrominance Control (CHRC)
ACCLF7
ACC Loop Filter Control (ACCLF)
HUE7
Hue Control (HUE)
OMR7
Output Phase Control for Data Y (OPCY)
MRA6
MRB6
HSYT6
STHR6
HSDL6
HVALID6
VVALID6
LUMC6
AGCLF6
SSEPL6
CHRC6
ACCLF6
HUE6
OMR6
MRA5
MRB5
HSYT5
STHR5
HSDL5
HVALID5
VVALID5
LUMC5
AGCLF5
SSEPL5
CHRC5
ACCLF5
HUE5
OMR5
MRA4
MRB4
HSYT4
STHR4
HSDL4
HVALID4
VVALID4
LUMC4
AGCLF4
SSEPL4
CHRC4
ACCLF4
HUE4
OMR4
MRA3
MRB3
HSYT3
STHR3
HSDL3
HVALID3
VVALID3
LUMC3
AGCLF3
SSEPL3
CHRC3
ACCLF3
HUE3
OMR3
MRA2
MRB2
HSYT2
STHR2
HSDL2
HVALID2
VVALID2
LUMC2
AGCLF2
SSEPL2
CHRC2
ACCLF2
HUE2
OMR2
MRA1
MRB1
HSYT1
STHR1
HSDL1
HVALID1
VVALID1
LUMC1
AGCLF1
SSEPL1
CHRC1
ACCLF1
HUE1
OMR1
MRA0
MRB0
HSYT0
STHR0
HSDL0
HVALID0
VVALID0
LUMC0
AGCLF0
SSEPL0
CHRC0
ACCLF0
HUE0
OMR0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
OPCC7
Output Phase Control for Data C (OPCC)
OPCC6 OPCC5 OPCC4 OPCC3 OPCC2 OPCC1 OPCC0
E
F
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
Write
/Read
ADC17
Optional Mode Register (OMR)
10
Write
ADC27
ADC Register (ADC1)
11
Write
ADC37
ADC Register (ADC2)
12
Write
ZLD7
ADC Register (ADC3)
13
Write
0 Level Detect Register (ZLD)
14
Write
Mode Register C (MRC)
MRC7 MRC6 MRC5 MRC4 MRC3 MRC2 MRC1 MRC0
OPCY7 OPCY6 OPCY5 OPCY4 OPCY3 OPCY2 OPCY1 OPCY0
ADC16
ADC26
ADC36
ZLD6
ADC15
ADC25
ADC35
ZLD5
ADC14
ADC24
ADC34
ZLD4
ADC13
ADC23
ADC33
ZLD3
ADC12
ADC22
ADC32
ZLD2
ADC11
ADC21
ADC31
ZLD1
ADC10
ADC20
ADC30
ZLD0
YCSC7
Y/C Separation Circuit option
Register (YCSC)
15
Write
YCSC6 YCSC5 YCSC4 YCSC3 YCSC2 YCSC1 YCSC0
OMRB7
Optional Mode Register B (OMRB)
16
Write
OMRB6OMRB5OMRB4 OMRB3OMRB2OMRB1OMRB0
CCD17
Closed Caption Detected-1
Register (CCD1)
17
Write
CCD16 CCD15 CCD14 CCD13 CCD12 CCD11 CCD10
CCD27
Closed Caption Detected-2
Register (CCD2)
18
Write
CCD26 CCD25 CCD24 CCD23 CCD22 CCD21 CCD20
CGMS17
CGMS Detected-1 Register (CGMS1)
19
Write
CGMS16 CGMS15 CGMS14 CGMS13 CGMS12 CGMS11 CGMS10
CGMS27
CGMS Detected-2 Register (CGMS2)
1A
Write
CGMS26 CGMS25 CGMS24 CGMS23 CGMS22 CGMS21 CGMS20
AGCD17
AGC Pulse Detected-1 Register (AGCD1)
1B
Write
AGCD16 AGCD15 AGCD14 AGCD13 AGCD12 AGCD11 AGCD10
AGCD27
AGC Pulse Detected-2 Register (AGCD2)
1C
Write
AGCD26 AGCD25 AGCD24 AGCD23 AGCD22 AGCD21 AGCD20
WSSD7
WSS Data Detected Register (WSSD)
1D
Write
WSSD6 WSSD5 WSSD4 WSSD3 WSSD2 WSSD1 WSSD0
MISC7
Tri-state Control of Output-pin
Register (MISC)
1E
Write
MISC6 MISC5 MISC4 MISC3 MISC2 MISC1 MISC0
AIREG7
Reset Data Request for VBID
Function Register (AIREG)
1F
Write
AIREG6AIREG5AIREG4 AIREG3AIREG2AIREG1AIREG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com