Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 114Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 115Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 160 page
background image
56F8335 Technical Data, Rev. 1
112
Freescale Semiconductor
Preliminary
Figure 6-13 I/O Short Address Determination
With this register set, an interrupt driver can set the SIM_ISALL register pair to point to its peripheral
registers and then use the I/O Short addressing mode to reference them. The ISR should restore this register
to its previous contents prior to returning from interrupt.
Note:
The default value of this register set points to the EOnCE registers.
Note:
The pipeline delay between setting this register set and using short I/O addressing with the new value
is three cycles.
Figure 6-14 I/O Short Address Location High Register (SIM_ISALH)
6.5.10.1
Input/Output Short Address Low (ISAL[23:22])—Bit 1–0
This field represents the upper two address bits of the “hard coded” I/O short address.
Figure 6-15 I/O Short Address Location Low Register (SIM_ISAL)
Base + $D
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
1
1
1
1
1
1
1
1
1
1
1
1
1
1
ISAL[23:22]
Write
RESET
11111
1
1
1
1
1
1
1
1
1
1
1
Base + $E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
ISAL[21:6]
Write
RESET
11111
1
1
1
1
1
1
1
1
1
1
1
Instruction Portion
“Hard Coded” Address Portion
16 Bits from SIM_ISALL Register
2 Bits from SIM_ISALH Register
Full 24-Bit for Short I/O Address
6 Bits from I/O Short Address Mode Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com